Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 322 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 322 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 318Page - STMicroelectronics ST10F296E Datasheet HTML 319Page - STMicroelectronics ST10F296E Datasheet HTML 320Page - STMicroelectronics ST10F296E Datasheet HTML 321Page - STMicroelectronics ST10F296E Datasheet HTML 322Page - STMicroelectronics ST10F296E Datasheet HTML 323Page - STMicroelectronics ST10F296E Datasheet HTML 324Page - STMicroelectronics ST10F296E Datasheet HTML 325Page - STMicroelectronics ST10F296E Datasheet HTML 326Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
ST10F296E
322/346
24.8.16
External memory bus timing
The next sections, Multiplexed bus timings and Demultiplexed bus timings, describe the
external memory bus timings. The given values are computed for a maximum CPU clock of
40 MHz.
It is clear that when a higher CPU clock frequency is used (up to 64 MHz), some numbers in
the timing formulas become zero or negative, which in most cases is not acceptable or
meaningful. In these cases, the speed of the bus settings tA, tC and tF must be correctly
adjusted.
Note:
All external memory bus timings and SSC timings presented in the following tables are given
by design characterization and not fully tested in production.
Multiplexed bus timings
VDD = 5 V ±10 %, VSS = 0 V, TA = -40 to 125 °C, CL = 50 pF,
ALE cycle time = 6 TCL + 2tA + tC + tF (75 ns at 40 MHz CPU clock without wait states).
Table 175.
Multiplexed bus timings
Symbol
Parameter
FCPU = 40 MHz
TCL = 12.5 ns
Variable CPU clock
1/2 TCL = 1 to 64 MHz
Unit
Min
Max
Min
Max
t5 (CC)
ALE high time
4 + tA
-
TCL - 8.5 + tA
-
ns
t6 (CC)
Address setup to ALE
1.5 + tA
TCL - 11 + tA
t7 (CC)
Address hold after ALE
4 + tA
TCL - 8.5 + tA
t8 (CC)
ALE falling edge to RD, WR
(with R/W delay)
4 + tA
TCL - 8.5 + tA
t9 (CC)
ALE falling edge to RD and
WR (no R/W delay)
-8.5 + tA
-8.5 + tA
t10 (CC)
Address float after RD and
WR (with R/W delay)(1)
-
6
-
6
t11 (CC)
Address float after RD and
WR (no R/W delay)(1)
18.5
TCL + 6
t12 (CC)
RD and WR low time
(with R/W delay)
15.5 + tC
-
2TCL - 9.5 + tC
-
t13 (CC)
RD and WR low time
(no R/W delay)
28 + tC
3TCL - 9.5 + tC
t14 (SR)
RD to valid data in
(with R/W delay)
-
6 + tC
-
2TCL - 19 + tC
t15 (SR)
RD to valid data in
(no R/W delay)
18.5 + tC
3TCL - 19 + tC
t16 (SR)
ALE low to valid data in
17.5 + tA + tC
3TCL - 20 + tA + tC
t17 (SR)
Address/unlatched CS to valid
data in
20 + 2tA + tC
4TCL - 30 + 2tA + tC
t18 (SR)
Data hold after RD rising edge
0
-
0
-
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com