Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F296E Datasheet(PDF) 321 Page - STMicroelectronics

Part # ST10F296E
Description  High performance 16-bit CPU with DSP functions
PDF  346 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F296E Datasheet(HTML) 321 Page - STMicroelectronics

Back Button ST10F296E Datasheet HTML 317Page - STMicroelectronics ST10F296E Datasheet HTML 318Page - STMicroelectronics ST10F296E Datasheet HTML 319Page - STMicroelectronics ST10F296E Datasheet HTML 320Page - STMicroelectronics ST10F296E Datasheet HTML 321Page - STMicroelectronics ST10F296E Datasheet HTML 322Page - STMicroelectronics ST10F296E Datasheet HTML 323Page - STMicroelectronics ST10F296E Datasheet HTML 324Page - STMicroelectronics ST10F296E Datasheet HTML 325Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 346 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ST10F296E
Electrical characteristics
321/346
The input frequency range is 4-12 MHz when using an external clock source. With an
external clock source, 64 MHz can be applied only when Direct Drive mode is selected. In
this case, the oscillator amplifier is bypassed so it does not limit the input frequency.
Figure 107. External clock drive XTAL1
1.
When direct drive is selected, an external clock source can be used to drive XTAL1. The maximum
frequency of the external clock source depends on the duty cycle. When 64 MHz is used, 50 % duty cycle
is granted (low phase = high phase = 7.8 ns). When 32 MHz is used, a 25 % duty cycle can be accepted
(minimum, high or low phase = 7.8 ns).
24.8.15
Memory cycle variables
Table 174 describes how three variables derived from the BUSCONx registers are
computed. These variables represent special characteristics of the programmed memory
cycle.
Table 173.
External clock drive timing
Symbol
Parameter
Direct drive
fCPU = fXTAL
Direct drive with
prescaler
fCPU = fXTAL/2
PLL use
fCPU = fXTAL x F
Unit
Min
Max
Min
Max
Min
Max
tOSC (SR)
XTAL1 period(1)
1.
The minimum value for the XTAL1 signal period is considered as the theoretical minimum. The real
minimum value depends on the duty cycle of the input clock signal.
15.625
-
83.3
250
83.3
250
ns
t1 (SR)
High time(2)
2.
The input clock signal must reach the defined levels VIL2 and VIH2.
6
-
3
-
6
-
t2 (SR)
Low time(2)
t3 (SR)
Rise time(2)
-2
-
2
-
2
t4 (SR)
Fall time(2)
t1
t3
t4
VIL2
t2
tOSC
VIH2
Table 174.
Memory cycle variables
Symbol
Description
Values
tA
ALE extension
TCL x [ALECTL]
tC
Memory cycle time wait states
2TCL x (15 - [MCTC])
tF
Memory tri-state time
2TCL x (1 - [MTTC])
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com