Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 11 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 11 Page - ams AG

Back Button AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
11 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 6. Xenon Charging Flowchart
Upon setting of CHARGE (see page 26) or CAR, VOUTBOOST is boosted to 5V
2, the Xenon capacitor charging is
started. Once finished, charging is stopped (CHARGE is reset), READY and READYF s set and the interrupt line INT
is pulled low (if not disabled by READYFI). Upon STROBE
3 a flash is started.
Upon release of STROBE and if the register bit CAR
4=1 an automatic recharge cycle is started.
Every second flash cycle, the internal life time counter(xenon_life_counter_MSB and xenon_life_counter_LSB) inside
the EEPROM (see EEPROM Writing Cycle on page 13) is updated to count the number of flash for the attached Xenon
tube.
If no flash is triggered for CAR_interval time (can be set between 1.0s to 4.5s) and CAR = 1, the capacitor is automati-
cally recharged.
2. Using the internal signal VOUTBOOST_5V_IGBT - see DCDC Boost Converter VOUTBOOST on page 12
3. Using the register bit STROBE or the input signal STROBE
4. Capacitor Automatic Recharge

  
   
    
   
 

 !"#
#
$%&'
 $%&'#
$%&'#

( 
)
$%&' 
$%&'#
 
*&
+ 
$%&'# , - 
(  
.  ,  /0 
(1#111213))

4&5%'&&$%.
34.'%

+ -6
/
. . 7  
6 (/
. . 7  89#/)
+ 
  
:
, &0
 
 ;  ,
$ 
 !"
;
"
#
 !"
 !"
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com