Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 37 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 37 Page - ams AG

Back Button AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG AS3636 Datasheet HTML 39Page - ams AG AS3636 Datasheet HTML 40Page - ams AG AS3636 Datasheet HTML 41Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
37 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
10 Application Information
External Components
Transformers TCHARGE and TTRIG
Following transformers are recommend for the AS3636 (due to the programming features the output voltage VFLASH
can be programmed):
Always check if the voltage on the pin SW_F does never exceed the AS3636 maximum VSW (see Table 3 on page 4)
specification during charging.
IGBT
As the AS3636 has an internal DCDC step up included, 2.5V and 4V IGBT can be used without limit on the supply
VVBAT. The IGBT is used for two purposes:
1. Powering of the Xenon tube and generating together with the oscillation circuit consisting of
TTRIG, CTRIG,
RTRIG a sufficiently high trigger pulse to ignite the Xenon tube (about 3.5kV) - this is accomplished by a fast ris-
ing edge of the gate of the IGBT
2. Switching off the current through the Xenon tube at the end of the flash pulse to accurately control the light
emitted by the flash. To protect the IGBT the switching off falling edge voltage should be less than 400V/µs
(measured on the emitter of the IGBT)
Both requirements are achieved with the internal driving circuit of the AS3636. Trimming allows to adopt to different
trigger coils and IGBTs.
Photoflash Capacitor CFLASH
The photoflash capacitor stores the energy for the flash. Its capacitance define the maximum available energy. Using
higher value capacitors as shown in Table 30 is possible, but will increase the charging time.
Table 28. Recommended Transformers
Component
Part Number
N
L
Size (mm)
Manufacturer
TCHARGE
TTRN-3825H
10.2
7µH
3.8x3.8x2.5
Tokyo Coil
www.tokyo-coil.co.jp
TTRN-3822H
10.2
7µH
3.8x3.8x2.2
C3-T2.5R
10.2
7µH
3.4x3.4x2.5
Mitsumi
www.mitsumi.co.jp
LDT4520T-01
10.2
10µH
4.7x4.5x2.0
TDK
www.tdk.com
TTRIG
BO-02
7.3x2.5(3.5)x2.2
Tokyo Coil
www.tokyo-coil.co.jp
Table 29. Recommended IGBTs
Component
Part Number
min. Drive Voltage
Size
Manufacturer
QIGBT
RJP4002ANS
2.5V
VSON-8
3 x 4.8mm
Renesas
www.renesas.com
RJP4003ANS
4.0V
RJP4006ANS
2.5V
2.85x2.95mm
GT8G133
4.0V
TSSOP-8
3.3 x 6.4mm
Toshiba
www.semicon.toshiba.co.jp
TIG058E8
4.0V
ECH8
2.8 x 2.9mm
Sanyo
www.sanyo.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com