Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 29 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 29 Page - ams AG

Back Button AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
29 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 17. Xenon Config Register A
Addr: 0Dh
Xenon Config Register A
Define the end of charge detection voltage
Bit
Bit Name
Default Access
Description
5:0
charge_voltage_selection
NVM
R
Define the Xenon end of charge detection voltage
(measured on pin SW_F)
00h
28.5V
01h
28.6V
02h
28.7V
...
3Fh
34.8V
7:6
00b
R
always 0, don’t use
Table 18. Xenon Config Register B
Addr: 0Eh
Xenon Config Register B
Define the peak current limit for the Xenon charger
Bit
Bit Name
Default Access
Description
2:0
switch_current_selection
1
NVM
R
Peak current limit measured on pin SW_F
000
375mA
001
450mA
010
525mA
011
600mA
100
675mA
101
750mA
110
825mA
111
900mA
6:3
extend_pulse
NVM
R
Extend the timing for the IGBT strobe pulse - see IGBT
Pulse Timing adjustment
0h
no pulse extension
1h
100ns
2h
200ns
3h
300ns
...
...
Eh
1400ns
Fh
1500ns
7
IGBT_fall2zero_slow
NVM
R/W
Define together with IGBT_fall_speed2zero IGBT driver fall
speed for final switch-off (VOUTBOOST/2 to 0V)
0
full current - see IGBT_fall_speed2zero
1
half current - see IGBT_fall_speed2zero
1. Take care to set the peak current limit to fit to the Xenon charger transformer used - if the peak current limit is
set too low, efficiency will drop and eventually end of charge will not be reached anymore.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com