Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 1 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 1 Page - ams AG

  AS3636 Datasheet HTML 1Page - ams AG AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
AS3636
Xenon Driver IC with LED Driver and Life Time Counter
www.austriamicrosystems.com (ptr)
Revision 0.7
1 - 42
with additional features
with photosensor
PreliminaryDatasheet,Confidential
1 General Description
The AS3636 is a highly integrated photoflash charger
including IGBT driver, inductive DCDC boost autofocus/
video LED driver, an indicator LED driver and it includes
system level ESD protection and a breakable fuse.
The AS3636 includes flash timeout, over- and undervolt-
age, overtemperature and LED short circuit protection
functions. To reduce production test time a broken trans-
former or a broken coil is detected.
The AS3636 is controlled by an I
2C interface with a ded-
icated STROBE input. Additionally the TORCH input
controls the torch function. An interrupt output is avail-
able to signal an error condition to the controller.
The device includes 11 Bytes EEPROM, and an auto-
matic life time counter to count the number of flashes
performed.
The AS3636 is available in a space-saving WL-CSP
package and operates over the -30ºC to +85ºC tempera-
ture range.
Warning: Lethal voltages are present on applications
using AS3636! Do not operate without train-
ing to handle high voltages.
Figure 1. AS3636 Typical Operating Circuit
2 Key Features
Xenon driver
- Adjustable recharge timings
- Adjustable current limits
- In-production trimmable end of charge voltage
- Photosensor support
IGBT Driver
- Trimmable IGBT voltages
- Trimmable IGBT driving waveform
- Internal flash duration timer
- External STROBE input
DCDC Boost Converter
- Autofocus/video LED current source
- Voltage supply for IGBT
Integrated one time breakable fuse in supply path
Integrated system level ESD protection according to
IEC-61000-4-2 Level 4 (8kV contact, 15kV air dis-
charge)
Available in tiny WL-CSP Packages
4x4 balls 0.5mm pitch,
2.0 x 2.15 x 0.6 mm
3 Applications
Xenon Flash with LED Torch for mobile phones






 

 
!"
#
" 

 
$% &$%'
(

)*+

 

),-./
#&
0$% &
1%'%1
 
)/-
/2/

 
)3)/4
 
 

6
#*
7 
)/-
/2/
7 
!"
 
48
9)4,9/4:
;1%

8  18 .;

;1%



AS3636


Similar Part No. - AS3636

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
8A Supercap Flash Driver
AS3630-ZWLT AMSCO-AS3630-ZWLT Datasheet
763Kb / 72P
8A Supercap Flash Driver
AS3635 AMSCO-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
TEXAS ADVANCED OPTOELEC...
AS3635 TAOS-AS3635 Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
logo
ams AG
AS3635B-ZWLT AMSCO-AS3635B-ZWLT Datasheet
1Mb / 21P
Xenon Flash Driver with 5V IGBT Control
More results

Similar Description - AS3636

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
CNB1303 PANASONIC-CNB1303 Datasheet
48Kb / 2P
Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
Reflective Photosensor
CNZ2153 PANASONIC-CNZ2153 Datasheet
91Kb / 3P
Reflective Photosensor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
Reflective Photosensor
logo
Hamamatsu Corporation
C2719 HAMAMATSU-C2719 Datasheet
477Kb / 6P
Photosensor amplifier
C9051 HAMAMATSU-C9051 Datasheet
142Kb / 2P
Photosensor amplifier
logo
Panasonic Semiconductor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
Reflective photosensor
ON2179 PANASONIC-ON2179 Datasheet
65Kb / 3P
Reflective Photosensor
logo
Hamamatsu Corporation
H12056-01 HAMAMATSU-H12056-01 Datasheet
104Kb / 2P
Photosensor Modules
H7844 HAMAMATSU-H7844_15 Datasheet
142Kb / 4P
PHOTOSENSOR MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com