Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 13 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 13 Page - ams AG

Back Button AS3636 Datasheet HTML 9Page - ams AG AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG AS3636 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
13 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
EEPROM Writing Cycle
The internal EEPROM is updated under the following two conditions:
1. Life Time Counter: The automatic procedure for update of the internal life time counter is shown in Figure 9;
the update of the xenon_life_counter_MSB (see page 28) and xenon_life_counter_LSB is done every 2nd
flash cycle (see Figure 5 on page 10) increasing the value by one
7. The counter does not run over 0xFFFFh.
2. NVM Register update: Any update to a NVM register
8 (See Register Map on page 35) through the interface
has to be started by writing 138d to the Password_register. Then the NVM can be written. Do not read or write
NVM register during the life time counter is updated.
If further bytes should be written, the user shall wait until the Password_register is reset by the AS3636 as
shown in Figure 9
9.
Figure 9. EEPROM Writing Cycle
If the junction temperature exceeds 85ºC, the EEPROM writing is postponed until the internal temperature drops (An
I
2C read to this register will return the old value during this time). Then the writing cycle is automatically executed.
See austriamicrosystems application note ‘AN3636_In-Production_Trimming_xvx.pdf’ for a detailed description of the
trimming parameters and procedure.
7. Allow minimum 48ms between updates of the xenon life time counter. Updates happen every 2nd flash
pulse.
8. The xenon life time counter (xenon_life_counter_MSB and xenon_life_counter_LSB) cannot be changed.
9. Do not initiate an EEPROM writing cycle during flash as this might collide with the xenon life time counter
update.

 
 

 
   
  !"# $
!  !!%#
&! '()$
*  !!%#
&! '()$+
'(
* &,

# 
-.&/
0 !  
  "# $
   &
#1- !
2  !)#
 )1- !
!)#1% 
1-   
%  !!%#
& !  1! 3$
4 # #1-    -"/5 !$



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com