Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 25 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 25 Page - ams AG

Back Button AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG AS3636 Datasheet HTML 23Page - ams AG AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
25 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
2
BCFI
1R/W
DCDC Boost converter (VOUTBOOST) fault interrupt
0Disabled
1
Enabled
3
TOFI
1R/W
Xenon Charger Timeout fault interrupt
0Disabled
1
Enabled
4
OTPFI
1R/W
Over Temperature protection fault interrupt
0Disabled
1
Enabled
5
AFFI
1R/W
Autofocus LED (VLED) fault interrupt
0Disabled
1
Enabled
6
READYFI
1R/W
Xenon charger ready interrupt
0Disabled
1
Enabled
7
SSTFI
1R/W
Xenon Strobe Self test fault interrupt
0Disabled
1
Enabled
Table 10. Interrupt Status Register
Addr: 06h
Interrupt Status Register
Interrupts status (interrupt output INT, open drain, active low); reading
this register automatically clears the interrupt; see Protection and Fault
Detection Functions on page 19
Bit
Bit Name
Default Access
Description
0
ILF
0
R/SC
1
Indicator LED fault interrupt
0
no interrupt
1
interrupt occurred
1
CTF
0
R/SC
1
Xenon Charger Transformer fault interrupt
0
no interrupt
1
interrupt occurred
2
BCF
0
R/SC
1
DCDC Boost converter (VOUTBOOST) fault interrupt
0
no interrupt
1
interrupt occurred
3
TOF
0
R/SC
1
Xenon Charger or Strobe Timeout fault interrupt
0
no interrupt
1
interrupt occurred
Table 9. Interrupt Mask Register (Continued)
Addr: 05h
Interrupt Mask Register
Mask Interrupts (interrupt output INT, open drain, active low)
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com