Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 38 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 38 Page - ams AG

Back Button AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG AS3636 Datasheet HTML 39Page - ams AG AS3636 Datasheet HTML 40Page - ams AG AS3636 Datasheet HTML 41Page - ams AG AS3636 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
38 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
It is recommended to use low ESR capacitors to avoid loosing power during flash (it is also possible to connect two
capacitors in parallel to reduce ESR):
Photoflash Charger rectification diode DCHARGE
The rectification diode should have very low parasitic capacitance
19 and has to withstand the operating current and
reverse voltages.
Supply Capacitor CVBAT and DCDC Boost capacitor CVOUTBOOST
Low ESR capacitors should be used to minimize VBAT ripple. Multi-layer ceramic capacitors are recommended since
they have extremely low ESR and are available in small footprints. The capacitor should be located as close to the
device as possible.
X5R dielectric material is recommended due to their ability to maintain capacitance over wide voltage and temperature
range.
If a different output capacitor is chosen, ensure low ESR values and voltage ratings.
Table 30. Recommended Photoflash Capacitors
Component
Part Number
Capacitor
Voltage
rating
Size
Manufacturer
CFLASH
330FW13A6.3X20
2x13.5µF
1
1. Different capacitor values are possible to be used together with the AS3636. Lower capacitor value will reduce
charging time, lower ESR capacitor will improve light output energy and reduce losses in the capacitor during
the flash pulse.
330V
Cylinder
2 x l=24mm,
d=7mm
Rubycon
www.rubycon.co.jp
19.A low parasitic capacitance improves charging efficiency.
Table 31. Recommended Rectification Diodes
Component
Part Number
Parasitic
Capacitor
Voltage
rating
Size
Manufacturer
DCHARGE
FVO2R80
5pF
800V
1.25x2.5mm
Origin
www.origin.co.jp
GSD2004S
5pF / 2
2x240V
SOT-23
2.4x3.0mm
Vishay
www.vishay.com
BAS21
5pF / 2
2x250V
SC-70
2.0x2.1mm
OnSemi
www.onsemi.com
Table 32. Recommended
CVBAT and CVOUTBOOST Capacitor
Component
Part Number
C
TC Code
Rated
Voltage
Size
Manufacturer
CVBAT
GRM188R60J126
10µF
>5.5µF
@1.8V
X5R
6.3V
0603
Murata
www.murata.com
CVOUTBOOST
C1608X5R 0J106M
10µF
X5R
6.3V
0603
TDK
www.tdk.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com