Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 34 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 34 Page - ams AG

Back Button AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
34 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
7
phsens_on
0R/W
Enable the photosensor detection circuit - see Photosensor
Detection circuit on page 16
0
disabled
1
photosensor circuit enabled
Table 25. Xenon Voltage ADC
Addr: 18h
Xenon Voltage ADC
Measure last charged voltage of the Xenon charger
Bit
Bit Name
Default Access
Description
6:0
xenon_charge_voltage
00h
R
Last measured voltage on Xenon charger (represents
scaled voltage on CFLASH) - only valid during charging
(CHARGE=1)
1 or right after end of charge
0VSW_F=lowest reading
...
...
127d
VSW_F=highest reading
7
xenon_adc_on
0R/W
Xenon Charge ADC on - measures voltage on SW_F
0
disabled
1
Internal ADC running if xenon charger
running (CHARGE=1)
1. For reading of xenon_charge_voltage, CHARGE should be set to ‘0’. If reading of xenon_charge_voltage is
required during CHARGE=1, read xenon_charge_voltage twice and compare the results. If both readings show
the same result, the value is valid, otherwise re-start the readout.
Table 24. Photosensor Register (Continued)
Addr: 18h
Photosensor Register
External Photosensor control -
see Photosensor Detection circuit on page 16
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com