Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 36 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 36 Page - ams AG

Back Button AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG AS3636 Datasheet HTML 39Page - ams AG AS3636 Datasheet HTML 40Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
36 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - R e g i s t e r M a p
NVM...Non Volatile Memory using internal EEPROM; for programming see EEPROM Writing Cycle on page 13, don’t
read or write during life time counter updates
Upon delivery the EEPROM default value are set according to Table 27:
Photosensor
Register
18h
00h
phsens
_on
vsens_off_voltage
Xenon Voltage
ADC
19h
00h
xenon_
adc_on
xenon_charge_voltage
Table 27. EEPROM default settings
Register
Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
Module Info Reg.A
02h
05h
Module_Manufacturer_ID
Module_Generation
Module_Type
Module Info
Register B
03h
00h
Module_Project_Number
Module_Major_Version
Xenon SST Pulse
Length Register
0Ah
08h
xernon_SST_pulse_length
Xenon Life Time
Register MSB
0Bh
00h
xenon_life_counter_MSB
Xenon Life Time
Register LSB
0Ch
00h
xenon_life_counter_LSB
Xenon Config
Register A
0Dh
00h
0
0
charge_voltage_selection
Xenon Config
Register B
0Eh
86h
IGBT_fall2
zero_slow
extend_pulse
switch_current_selection
Xenon Config
Register C
0Fh
80h
coil_peak_current IGBT_rise_and_fall_speed
IGBT_fall_speed2zero
LED Configuration
Register
12h
07h
ILP
switch_
current_
boost
switch_current_selection_m
ax
Max_LED_current
General Purpose
OTP 1
14h
00h
User defined
General Purpose
OTP 2
15h
00h
User defined
Table 26. Register Map (Continued)
Register
Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com