Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 23 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 23 Page - ams AG

Back Button AS3636 Datasheet HTML 19Page - ams AG AS3636 Datasheet HTML 20Page - ams AG AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG AS3636 Datasheet HTML 23Page - ams AG AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
23 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Register Description
Table 4. IC Info Register
Addr: 00h
IC Info Register
This register has a fixed content and can be used to verify the I
2C
communication
Bit
Bit Name
Default Access
Description
3:0
IC_model
0010b
R
Fixed ID
7:4
IC_manufacturer_ID
0001b
R
Fixed Manufacturer ID
Table 5. IC Version Control Register
Addr: 01h
IC Version Control Register
Design Round Identification
Bit
Bit Name
Default Access
Description
3:0
Design_round
NA
R
Internal number; don’t use in software
7:4
0h
R
always 0, don’t use
Table 6. Module Info Reg.A
Addr: 02h
Module Info Reg.A
Module identification - written by module manufacturer
Bit
Bit Name
Default Access
Description
1:0
Module_Type
NVM
R
Module Sample Type
00
Technology Sample
01
Engineering Sample
10
Commercial Sample
11
Mass Production
4:2
Module_Generation
NVM
R
Module Generation
7:5
Module_Manufacturer_ID
NVM
R
Module Manufacturer
Table 7. Module Info Register B
Addr: 03h
Module Info Register B
Module identification - written by module manufacturer
Bit
Bit Name
Default Access
Description
3:0
Module_Major_Version
NVM
R
Module Manufacturer Version
7:4
Module_Project_Number
NVM
R
Module Manufacturer Project Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com