Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 35 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 35 Page - ams AG

Back Button AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG AS3636 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
35 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - R e g i s t e r M a p
9 Register Map
Table 26. Register Map
Register
Definition
Addr
Default
Content
Name
b7
b6
b5
b4
b3
b2
b1
b0
IC Info Register
00h
12h
0
0
0
1
0
0
1
0
IC Version Control
Register
01h
0Xh
0
0
0
0
Design_round
Module Info Reg.A
02h
NVM
Module_Manufacturer_ID
Module_Generation
Module_Type
Module Info
Register B
03h
NVM
Module_Project_Number
Module_Major_Version
Control Register
04h
01h
STDBY RESET
00
TORCH
_S
MST
AFSTR
OBE
WATCH
DOG
Interrupt Mask
Register
05h
FFh
SSTFI
READY
FI
AFFI
OTPFI
TOFI
BCFI
CTFI
ILFI
Interrupt Status
Register
06h
00h
SSTF
READY
F
AFF
OTPF
TOF
BCF
CTF
ILF
Xenon Control
Register
07h
00h
0
0
0
0
CAR
STROB
E
READY CHARG
E
Xenon CAR
Interval Register
08h
01h
0
0
0
0
0
CAR_interval
Xenon Charge
Time Register
09h
00h
charge_time
Xenon SST Pulse
Length Register
0Ah
NVM
xernon_SST_pulse_length
Xenon Life Time
Register MSB
0Bh
NVM
xenon_life_counter_MSB
Xenon Life Time
Register LSB
0Ch
NVM
xenon_life_counter_LSB
Xenon Config
Register A
0Dh
NVM
0
0
charge_voltage_selection
Xenon Config
Register B
0Eh
NVM
IGBT_fall2
zero_slow
extend_pulse
switch_current_selection
Xenon Config
Register C
0Fh
NVM
coil_peak_current IGBT_rise_and_fall_speed
IGBT_fall_speed2zero
LED Current
Register
10h
00h
IND_LED_current
AF_LED_PWM
AF_LED_current
LED Control
Register
11h
00h
00
00
AF
PWM
INDP
IND
LED Configuration
Register
12h
NVM
ILP
switch_
current_
boost
switch_current_selection_m
ax
Max_LED_current
Password
Register
13h
00h
Password_register
General Purpose
OTP 1
14h
NVM
User defined
General Purpose
OTP 2
15h
NVM
User defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com