Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 3 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 3 Page - ams AG

  AS3636 Datasheet HTML 1Page - ams AG AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
3 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those indicated in Table 3, “Electrical
Characteristics,” on page 4 is not implied. Exposure to absolute maximum rating conditions for extended periods may
affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VBAT, VBATINT to GND
-0.3
+7.0
V
SDA, SCL, STROBE, INT, TORCH,
IGBT_GATE, SW_B, VOUTBOOST, VLED,
IND to GND
-0.3
VBATIN
T + 0.3
V
max. 7.0V
SW_F to GND
-0.3
+55.0
V
VOUTBOOST to SW_B
-0.3
V
Note: Diode between VOUTBOOST
and SW_B
SGND, DGND, PGND to GND
0.0
0.0
V
Connect SGND, DGND and PGND to
GND directly below the pad (short
connection required)
Input Pin Current without causing latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
1W
PT
1
1. Depending on actual PCB layout and PCB used; for peak power dissipation during flashing see document
'AS3636 Thermal Measurements'
Continuous power dissipation derating factor
14.7
mW/ºC
PDERATE
2
2. PDERATE derating factor changes the total continuous power dissipation (PT) if the ambient temperature is not
70ºC. Therefore for e.g. TAMB=85ºC calculate PT at 85ºC = PT - PDERATE * (85ºC - 70ºC)
Electrostatic Discharge
ESD pins VBAT, SDA, SCL, STROBE, INT,
TORCH
±15000
V
Air Discharge to
module; IEC 61000 -4 -2 test bench
3
3. Assembled on PCB board (requires capacitor CVBAT); system test for completed module (fully capsuled), no
permanent interruption of operation; proper layout required
±8000
V
Contact Test to module;
IEC 61000 -4 -2 test bench
3
ESD HBM
±2000
V
Norm: MIL 883 E Method 3015
ESD CDM
±500
V
Norm: JEDEC JESD 22-C101C
ESD MM
±100
V
Norm: JEDEC JESD 22-A115-A level A
Temperature Ranges and Storage Conditions
Junction Temperature
+150
ºC
Internally limited (overtemperature
protection)
Storage Temperature Range
-55
+125
ºC
Humidity
5
85
%
Non condensing
Body Temperature during Soldering
+260
ºC
according to IPC/JEDEC J-STD-020C
Fuse
Fuse Melting time - IFUSE_LIMIT
1000
ms
at 1.5A
typ. 100
ms
at 2A
Fuse operating current - IFUSE
650
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com