Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 32 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 32 Page - ams AG

Back Button AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
32 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
1
INDP
2
0R/W
100ms Indicator LED pulse
0
no pulse
1
if ILP=0: 100ms pulse on VLED output with
AF_LED_current and AF_LED_PWM duty cycle
if ILP=1: 100ms pulse on IND output with
IND_LED_current
2
PWM
0R/W
AF LED PWM enable if AF=1(pin VLED)
0no PWM
1
AF LED PWM with AF_LED_PWM
3
AF
3
0R/W
AF LED on/off (pin VLED)
0off
1
enabled AF LED with AF_LED_current;
if PWM=1 use AF_LED_PWM duty cycle
7:4
0000b
R
always 0, don’t use
1. If IND=1 and INDP=1, IND=1 has priority
2. After the 100ms pulse, the register INDP is automatically reset
3. Do not operate AF=1 and (IND or INDP=1) at the same time
Table 22. LED Configuration Register
Addr: 12h
LED Configuration Register
Set maxim AF LED current and configure indicator type
Bit
Bit Name
Default Access
Description
2:0
Max_LED_current
NVM
R
AF LED Maximum current limit
000
10mA
001
15mA
010
20mA
011
28mA
100
37mA
101
50mA
110
65mA
111
80mA
6:3
0h
R
always 0, don’t use
Table 21. LED Control Register (Continued)
Addr: 11h
LED Control Register
Control AF LED and indicator LED operating mode
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com