Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 28 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 28 Page - ams AG

Back Button AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
28 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 13. Xenon Charge Time Register
Addr: 09h
Xenon Charge Time Register
Measure last xenon charging time
Bit
Bit Name
Default Access
Description
7:0
charge_time
00h
R
Xenon charging time; register content is valid if READY=1
00h
0-20ms
01h
20-40ms
02h
40ms-60ms
03h
60ms-80ms
...
...
FEh
5080-5100ms
FFh
>5100ms
Xenon charger time out fault was triggered - see TOF
Table 14. Xenon SST Pulse Length Register
Addr: 0Ah
Xenon SST Pulse Length Register
Xenon strobe test pulse length
Bit
Bit Name
Default Access
Description
7:0
xernon_SST_pulse_lengt
h
1
NVM
R
define Xenon strobe pulse length for register bit
STROBE=1 and for Xenon module self testing - see Self
Testing on page 17
00h
don’t use
01h
1µs
02h
2µs
...
FFh
255µs
1. The resulting timing can vary by +1µs/-0µs (excluding the variation of the internal oscillator), therefore use this
internal pulse generator only for self testing.
Table 15. Xenon Life Time Register MSB
Addr: 0Bh
Xenon Life Time Register MSB
xenon_life_counter_MSB
Bit
Bit Name
Default Access
Description
7:0
xenon_life_counter_MSB
NVM
R
Count the number of flash double-pulses performed and
store in NVM - see AS3636 operating mode on page 10
counter stops at FFFFh
Table 16. Xenon Life Time Register LSB
Addr: 0Ch
Xenon Life Time Register LSB
xenon_life_counter_LSB
Bit
Bit Name
Default Access
Description
7:0
xenon_life_counter_LSB
NVM
R
Count the number of flash double-pulses performed and
store in NVM - see AS3636 operating mode on page 10
counter stops at FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com