Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 19 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 19 Page - ams AG

Back Button AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG AS3636 Datasheet HTML 17Page - ams AG AS3636 Datasheet HTML 18Page - ams AG AS3636 Datasheet HTML 19Page - ams AG AS3636 Datasheet HTML 20Page - ams AG AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG AS3636 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
19 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Protection and Fault Detection Functions
The protection functions protect the AS3636 and the external devices against physical damage. In case of a failure a
register bit is set. The fault bits are cleared
13 by a readout of the Interrupt Status Register (see page 35). If enabled by
the Interrupt Mask Register (see page 35), any fault condition will raise an interrupt by pulling INT low. The interrupt
output INT return to open drain, once the fault condition is cleared.
Indicator LED fault (ILF)
If the indicator LED is enabled, an indicator LED fault is triggered under the following conditions:
1. In case of no or a broken LED and the current through pin IND is below IIND_OUTOPEN.
2. If the LED is shorted and the voltage on IND does not reach VINDSHORT.
If one of these conditions is detected the bit ILF is set but the current source is not disabled
14.
Charge transformer fault (CTF)
If the Xenon charger is started and the AS3636 detects a too low inductance
15 of the transformer, the Xenon is
stopped and the bit CTF is set.
Boost converter fault (BCF)
To limit the maximum current from the battery, the DCDC converter limits its current through the coil to ILIMIT. If within
a single cycle ILIMIT is reached and afterwards (still in the same cycle) the current through the coil reaches zero, a
shorted coil is assumed. If this condition is detected, the DCDC is stopped, the current source is disabled (if enabled)
and the bit BCF is set.
Xenon charger and strobe timeout fault (TOF)
During every charging of the Xenon capacitor, the register charge_time monitor the charge time. If the register reaches
FFh, the Xenon charger is stopped and the bit TOF is set.
The register TOF is also set, if the strobe length (from pin STROBE) exceeds 2ms
16. In this case, the IGBT_GATE is
switched off automatically.
Overtemperature fault (OTPF)
If the AS3636 junction temperature exceeds TOVTEMP the register bit OTPF is set. The bit OTPF is automatically reset,
once the junction temperature drops below TOVTEMP-TOVTEMPHYST.
Autofocus LED fault (AFF)
If the autofocus LED (pin VLED) is enabled, an autofocus LED fault is triggered under the following conditions:
1. If the LED is shorted and the voltage on VLED does not reach VVLEDSHORT.
2. If the voltage on VLED stays below VVLEDOPEN.
If one of these conditions is detected, the DCDC converter is stopped, the current source is disabled and the bit AFF is
set.
Xenon strobe self test fault (SSTF)
The xenon strobe is only used upon self testing - for details see section Self Testing on page 17. The fault bit is set if
the re-charge time for the Xenon charger is above 0.4s or below 0.1s.
Supply undervoltage Protection
If the voltage on the pin VBATINT (=battery voltage) is or falls below VUVLO, the AS3636 is kept in shutdown state and
all registers are set to their default state.
13.Except overtemperature protection fault OTPF.
14.To avoid erroneously disabling of the indicator current source due to short voltage drops on the supply.
15.An inductance below 0.5µH will be detected as a fault. Above 3.5µH, a valid transformer is detected.
16.The exact duration can vary between 930µs to 2.15ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com