Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 30 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 30 Page - ams AG

Back Button AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
30 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 19. Xenon Config Register C
Addr: 0Fh
Xenon Config Register C
Define IGBT driver parameters and SW_B switch current limits
Bit
Bit Name
Default Access
Description
2:0
IGBT_fall_speed2zero
1
NVM
R
Define IGBT driver fall speed for final switch-off
(VOUTBOOST/2 to 0V)
IGBT_fall2zero_slow =
0
1
000
1V/µs (10mA)
0.5V/µs (5mA)
001
2V/µs (20mA)
1V/µs (10mA)
010
3V/µs (30mA)
1.5V/µs (15mA)
011
4V/µs (40mA)
2V/µs (20mA)
100
5V/µs (50mA)
2.5V/µs (25mA)
101
6V/µs (60mA)
3V/µs (30mA)
110
7V/µs (70mA)
3.5V/µs (35mA)
111
8V/µs (80mA)
4V/µs (40mA)
5:3
IGBT_rise_and_fall_spee
d
2
NVM
R
Define IGBT switch-on speed and switch-off down to
VOUTBOOST/2
000
1V/µs (10mA)
001
2V/µs (20mA)
010
3V/µs (30mA)
011
4V/µs (40mA)
100
5V/µs (50mA)
101
6V/µs (60mA)
110
7V/µs (70mA)
111
8V/µs (80mA)
7:6
coil_peak_current
NVM
R
DCDC Boost Coil Peak current setting (pin SW_B)
00
250mA
01
300mA
10
350mA
11
400mA
1. Assuming a 10nF capacitance. The timings scale by the gate capacitance of the IGBT
2. Assuming a 10nF capacitance. The timings scale by the gate capacitance of the IGBT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com