Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 4 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 4 Page - ams AG

  AS3636 Datasheet HTML 1Page - ams AG AS3636 Datasheet HTML 2Page - ams AG AS3636 Datasheet HTML 3Page - ams AG AS3636 Datasheet HTML 4Page - ams AG AS3636 Datasheet HTML 5Page - ams AG AS3636 Datasheet HTML 6Page - ams AG AS3636 Datasheet HTML 7Page - ams AG AS3636 Datasheet HTML 8Page - ams AG AS3636 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
4 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - E l e c t r i c a l C h a r a c t e r i s t i c s
6 Electrical Characteristics
VBAT = +2.7V to +5.5V, TAMB = -30ºC to +85ºC, unless otherwise specified. Typical values are at VBAT = +3.7V, TAMB
= +25ºC, unless otherwise specified.
Table 3. Electrical Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Unit
General Operating Conditions
VBAT
Supply Voltage
2.7
3.7
4.4
V
VBATFUNCT
IONAL
Supply Voltage
AS3636 functionally working, but not all
parameters fulfilled
2.3
5.5
1
V
ISHUTDOWN
2
Shutdown Current
Shutdown or standby mode, VBAT<3.7V
0ºC < TAMB < 50ºC
0.5
1.0
TBD
µA
ISTANBY
1
Standby Current
ISTROBEWAI
T
Current when AS3636
is waiting for strobe
DCDC operating, IGBT driver enabled
5
mA
TAMB
Operating
Temperature
-30
25
85
ºC
VUVLO
Undervoltage Lockout
Falling VVIN
2.1
2.2
2.3
V
Rising VVIN
VUVLO
+0.05
VUVLO
+0.1
VUVLO
+0.15
V
TOVTEMP
Overtemperature
Protection
Junction temperature
144
ºC
TOVTEMPHY
ST
Overtemperature
Hysteresis
5ºC
Fuse
RFUSE
Fuse resistance
Fuse melting times: see Table 2 on page 3
0.2
Ω
EEPROM
tEE_WRITE
EEPROM writing time
10
14.5
24
ms
Xenon Capacitor Charger
VTRIPRANGE Programming range of
VTRIP
6 bit programming measured on pin SW_F
Allows in-circuit trimming of the final charged
voltage VFLASH on capacitor CFLASH
28.5
34.8
V
VTRIP
Δ
Comparator trip
voltage accuracy
VFLASH=328V, TJ=15ºC...50ºC
using nominal valued components
-0.5
+0.5
%
VFLASH=328V
using nominal valued components
-1.5
+0.5
%
η
Charging Efficiency
System Target only; depends on external
components used
60
%
VSW
Maximum voltage on
pin SW
50
V
ISW
Switching current limit
Accuracy at typical setting
-10%
750
+10%
mA
Adjustable range by register
switch_current_selection (see page 29)
375
750
900
mA
tEOC_DET
end of charge comparator trigger time - see
Figure 4, “AS3636 Internal Circuit,” on page 9
128
138
148
ns
DCDC Step Up Converter
VVOUTBOOS
T
DCDC Boost output
Voltage (pin
VOUTBOOST)
Voltage feedback mode
(e.g. if used for IGBT driver)
4.75
5.0
5.25
V
Current feedback mode; max. VVOUTBOOSTMAX
VLED+0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com