Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 14 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 14 Page - ams AG

Back Button AS3636 Datasheet HTML 10Page - ams AG AS3636 Datasheet HTML 11Page - ams AG AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG AS3636 Datasheet HTML 17Page - ams AG AS3636 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
14 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
IGBT Driver
The IGBT Driver shown in Figure 10 has an internal glitch filter to filter out short spikes with a length of up to
tSTROBE_MIN. After this filter, the strobe pulse can be adjusted in timing (see IGBT Pulse Timing adjustment on page
14). The actual IGBT driver consists of three current source. One is connected to VOUTBOOST to driver the
IGBT_GATE high. The two other current sources drive the IGBT_GATE low, where the falling edge is divided into two
sections:
1. IGBT_rise_and_fall_speed control the edge from VOUTBOOST to VOUTBOOST/2
2. IGBT_fall_speed2zero control the remaining part from VOUTBOOST/2 to GND.
Figure 10. IGBT Driver internal circuit
If the STROBE pulse is longer than 2ms, a timeout timer fault is raised and the strobe pulse is stopped - see Xenon
charger and strobe timeout fault (TOF) on page 19.
IGBT Pulse Timing adjustment
The IGBT pulse timing can be extended by a programmable duration to allow the fine adjustment of the light output
from the Xenon tube during flash especially for light pulses with very short time typically used for pre-flash pulses (typ-
ically about 5µs). This adjustment can be performed on a module by module basis thus accurately trimming the light
output energy over production for pre-flash pulses.
The internal circuit for this pulse adjustment is shown in Figure 11:

 
 



  

!  "#$%&
'(
' (
)
*%
*
%
  
+ !
+ !),
- .
' (
/'
AS3636



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com