Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 24 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 24 Page - ams AG

Back Button AS3636 Datasheet HTML 20Page - ams AG AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG AS3636 Datasheet HTML 23Page - ams AG AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG AS3636 Datasheet HTML 26Page - ams AG AS3636 Datasheet HTML 27Page - ams AG AS3636 Datasheet HTML 28Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
24 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Table 8. Control Register
Addr: 04h
Control Register
Operating mode of AS3636
Bit
Bit Name
Default Access
Description
0
WATCHDOG
1R/W
Watchdog timer enable
0
No watchdog timer
1
After one minute after charging is finished the AS3636
automatically enters standby mode; any read or write
access to any AS3636 register resets this one minute
watchdog timer
1
AFSTROBE
0R/W
Strobe input usage (level sensitive)
0
STROBE input is used for Xenon flash
1
STROBE input is used for AF LED on/off; LED current
is defined by LED Current Register with no PWM
2
MST
0R/W
Module Self Testing
0
Read: No module test running
Write: Writing ‘0’ stops a running self test
1
Writing ‘1’ to this register starts the module self test
procedure; when the test is finished MST is
automatically cleared - see Self Testing on page 17
3
TORCH_S
0R
TORCH pin status (used for module testing)
0low
1high
5:4
00b
R
always 0, don’t use
6
RESET
0
Reset of all registers
R
always reads back ‘0’
W
0
no action
1
all registers are reset to their default
7
STDBY
0R/W
Standby mode
0
normal operation (all modes are possible)
1
Writing ‘1’ writes defaults to Xenon Control Register,
LED Control Register and eventually to the Control
Register. The AS3636 enters standby mode and
clears the bit STDBY
Table 9. Interrupt Mask Register
Addr: 05h
Interrupt Mask Register
Mask Interrupts (interrupt output INT, open drain, active low)
Bit
Bit Name
Default Access
Description
0
ILFI
1R/W
Indicator LED fault interrupt
0Disabled
1
Enabled
1
CTFI
1R/W
Xenon Charger Transformer fault interrupt
0Disabled
1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com