Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 33 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 33 Page - ams AG

Back Button AS3636 Datasheet HTML 29Page - ams AG AS3636 Datasheet HTML 30Page - ams AG AS3636 Datasheet HTML 31Page - ams AG AS3636 Datasheet HTML 32Page - ams AG AS3636 Datasheet HTML 33Page - ams AG AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
33 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
5:3
switch_current_selection
_max
NVM
R
Maximum Peak current limit measured on pin SW_F if
automatic peak current regulation is performed
000
No peak current regulation done - default
001
450mA
010
525mA
011
600mA
100
675mA
101
750mA
110
825mA
111
900mA
6
switch_current_boost
NVM
R
Double value for switch_current_selection
0I(SW_F) =switch_current_selection
1I(SW_F) = 2 * switch_current_selection
7
ILP
NVM
R/W
Indicator LED present;
applies when indicator is switched on (IND=1)
0
use VLED output with AF_LED_current and
AF_LED_PWM duty cycle
1
use IND output with IND_LED_current;
ILF (indicator LED fault) detection is enabled
Table 23. Password Register
Addr: 13h
Password Register
EEPROM writing password lock register
Bit
Bit Name
Default Access
Description
7:0
Password_register
00h
R/W
Un-lock register for EEPROM writing - see EEPROM
Writing Cycle on page 13
138d
Read: EEPROM writing pending
Write: Unlock EEPROM writing for next I
2C
command
0...137d,
139d...255d
EEPROM writing locked
Table 24. Photosensor Register
Addr: 18h
Photosensor Register
External Photosensor control -
see Photosensor Detection circuit on page 16
Bit
Bit Name
Default Access
Description
6:0
vsens_off_voltage
00h
R/W
Adjust photosensor off - voltage
0VSENS_OFF = 1.1V
...
...
127d
VSENS_OFF = 1.7V
Table 22. LED Configuration Register (Continued)
Addr: 12h
LED Configuration Register
Set maxim AF LED current and configure indicator type
Bit
Bit Name
Default Access
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com