Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 21 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 21 Page - ams AG

Back Button AS3636 Datasheet HTML 17Page - ams AG AS3636 Datasheet HTML 18Page - ams AG AS3636 Datasheet HTML 19Page - ams AG AS3636 Datasheet HTML 20Page - ams AG AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG AS3636 Datasheet HTML 23Page - ams AG AS3636 Datasheet HTML 24Page - ams AG AS3636 Datasheet HTML 25Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
21 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 16. Data Transfer on I
2C Serial Bus
Depending upon the state of the R/W bit, two types of data transfer are possible:
1. Data transfer from a master transmitter to a slave receiver. The first byte transmitted by the master is the
slave address. Next follows a number of data bytes. The slave returns an acknowledge bit after each received
byte. Data is transferred with the most significant bit (MSB) first.
2. Data transfer from a slave transmitter to a master receiver. The master transmits the first byte (the slave
address). The slave then returns an acknowledge bit, followed by the slave transmitting a number of data
bytes. The master returns an acknowledge bit after all received bytes other than the last byte. At the end of the
last received byte, a “not acknowledge” is returned. The master device generates all of the serial clock pulses
and the START and STOP conditions. A transfer is ended with a STOP condition or with a repeated START
condition. Since a repeated START condition is also the beginning of the next serial transfer, the bus is not
released. Data is transferred with the most significant bit (MSB) first.
The AS3636 can operate in the following two modes:
1. Slave Receiver Mode (Write Mode): Serial data and clock are received through SDA and SCL. After each
byte is received an acknowledge bit is transmitted. START and STOP conditions are recognized as the begin-
ning and end of a serial transfer. Address recognition is performed by hardware after reception of the slave
address and direction bit (see Figure 17). The slave address byte is the first byte received after the master
generates the START condition. The slave address byte contains the 7-bit AS3636 address, which is 0101000,
followed by the direction bit (R/W), which, for a write, is 0.
17 After receiving and decoding the slave address
byte the device outputs an acknowledge on the SDA line. After the AS3636 acknowledges the slave address +
write bit, the master transmits a register address to the AS3636. This sets the register pointer on the AS3636.
The master may then transmit zero or more bytes of data, with the AS3636 acknowledging each byte received.
The address pointer will increment after each data byte is transferred. The master generates a STOP condition
to terminate the data write.
2. Slave Transmitter Mode (Read Mode): The first byte is received and handled as in the slave receiver mode.
However, in this mode, the direction bit indicates that the transfer direction is reversed. Serial data is transmit-
ted on SDA by the AS3636 while the serial clock is input on SCL. START and STOP conditions are recognized
as the beginning and end of a serial transfer (Figure 18 and Figure 19). The slave address byte is the first byte
received after the master generates a START condition. The slave address byte contains the 7-bit AS3636
address, which is 0101000, followed by the direction bit (R/W), which, for a read, is 1.
18 After receiving and
decoding the slave address byte the device outputs an acknowledge on the SDA line. The AS3636 then
begins to transmit data starting with the register address pointed to by the register pointer. If the register
17.The address for writing to the AS3636 is 50h = 01010000b
18.The address for read mode from the AS3636 is 51h = 01010001b
SLAVE
ADDRESS
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
ACKNOWLEDGEMENT
SIGNAL FROM
RECEIVER
REPEATED IF
MORE BYTES ARE
TRANSFERRED
STOP CONDITION
OR REPEATED
START CONDITION
START
CONDITION
SCL
SDA
MSB
R/W
DIRECTION
BIT
ACK
1
2
6
78
9
1
2
3-8
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com