Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 16 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 16 Page - ams AG

Back Button AS3636 Datasheet HTML 12Page - ams AG AS3636 Datasheet HTML 13Page - ams AG AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG AS3636 Datasheet HTML 17Page - ams AG AS3636 Datasheet HTML 18Page - ams AG AS3636 Datasheet HTML 19Page - ams AG AS3636 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
16 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Photosensor Detection circuit
The AS3636 supports an external photosensor to detect the reflected light from the Xenon flash. If the reflected light
reaches a configurable threshold, the flash pulse is stopped (IGBT_GATE=0). Figure 13 shows the application circuit.
Figure 13. Photosensor detection circuit
Figure 14 shows a typical waveform:
Figure 14. Photosensor detection waveform
The photosensor detection circuit is enabled by setting phsens_on=1 (this also disables the indicator LED fault detec-
tion ILF). Set Interrupt Mask Register=0 to disable the interrupt logic
10. The indicator LED current source is used to
power the photosensor and can be enabled by setting IND=1, ILP=1 and IND_LED_current=11b. The detection
threshold VSENS_OFF is adjustable by register vsens_off_voltage from 1.1V to 1.7V.
10.The pin INT is re-used for the photo-sensor input.






 
  

 
 

 

 
#
$
% 

&  '& ()



 
  

2  33

AS3636

 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com