Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 39 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 39 Page - ams AG

Back Button AS3636 Datasheet HTML 34Page - ams AG AS3636 Datasheet HTML 35Page - ams AG AS3636 Datasheet HTML 36Page - ams AG AS3636 Datasheet HTML 37Page - ams AG AS3636 Datasheet HTML 38Page - ams AG AS3636 Datasheet HTML 39Page - ams AG AS3636 Datasheet HTML 40Page - ams AG AS3636 Datasheet HTML 41Page - ams AG AS3636 Datasheet HTML 42Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
39 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - A p p l i c a t i o n I n f o r m a t i o n
Inductor LDCDC
The fast switching frequency (2MHz) of the AS3636 allows for the use of small SMDs for the external inductor. The
inductor should have low DC resistance (DCR) to reduce the I
2R power losses - high DCR values will reduce effi-
ciency.
If a different inductor is chosen, ensure similar DCR values and at least 1.5µH inductance at 0.5A input current.
PCB Layout Guideline
Following layout recommendations apply:
1. Keep the path (and area) of GND (SGND directly connected to DGND below the WL-CSP) - CVBAT - VBATINT
- TCHARGE(primary) - SW_F - GND as short as possible to minimize the leakage inductance of TCHARGE and
ensure a proper supply connection for the AS3636
2. Keep the path (and area) of GND - CVBAT - LBOOST - SW_B - VOUTBOOST - CVOUTBOOST - GND as short as
possible.
3. Place CVBAT as close as possible to the AS3636.
4. Ensure wide and short PCB paths for the path GND - CFLASH - XFLASH - QIGBT - GND to allow 150A to flow dur-
ing the flash pulse. Connect this GND only at a single place to the main GND plane.
5. The IGBT has two ground connections: One ground for the driving input and one ground for the power path.
6. Ensure larger spacings for all high voltage paths; check with the PCB manufacturer to ensure proper minimum
spacing for 320V paths and 4kV (Xenon tube trigger pin) paths.
7. Minimize the parasitic capacitance of the PCB on the anode of
DCHARGE especially to GND and VFLASH
8. See austriamicrosystems “WLP-CSP-Handling-Guidelines_1V0.pdf” for proper handling, PCB layout and sol-
dering of the WL-CSP AS3636 device.
9. In order to meet system level ESD protection careful routing of the ground lines, supply capacitor CVBAT and
supply lines is required.
See austriamicrosystems demoboard layout (described in application note ‘AN3636’).
Table 33. Recommended Inductor
Part Number
L
DCR
L @ 0.5A
Size
Manufacturer
LQM21PN2R2
2.2µH
240m
Ω
>1.5µH
2x1.25x0.9mm
(0805)
Murata
www.murata.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com