Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3636 Datasheet(PDF) 18 Page - ams AG

Part # AS3636
Description  Photosensor support
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3636 Datasheet(HTML) 18 Page - ams AG

Back Button AS3636 Datasheet HTML 14Page - ams AG AS3636 Datasheet HTML 15Page - ams AG AS3636 Datasheet HTML 16Page - ams AG AS3636 Datasheet HTML 17Page - ams AG AS3636 Datasheet HTML 18Page - ams AG AS3636 Datasheet HTML 19Page - ams AG AS3636 Datasheet HTML 20Page - ams AG AS3636 Datasheet HTML 21Page - ams AG AS3636 Datasheet HTML 22Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
www.austriamicrosystems.com
Revision 0.7
18 - 42
with additional features
with photosensor
AS3636
Preliminary Datasheet, Confidential - D e ta i l e d D e s c r i p t i o n
Figure 15. Self Testing procedure
   
  
    
    
 ! ""
#$!
% &
'  (


 )
 
 ! ""
#$!
%
* +
  
 ,  
   
-.  
+ /-
*  0 , &
1 #2  3
* 
 
 4
1 #2 
5
5
  61
* 
, 0 

 + 
'    #2%-
*   #
1   *  &
 , .- 
1 1 7
3 8  
* 

* 
 1 

! 
,  9
  
5
! 

* 1

* +  


 * 
#:)%
2
;
<":="
%
0< ":="
&
<%
3  
! 
,  9
  
5
! 
< :=  
<%-
< :=  
<   :=
  
5
#2=%
'  
#:  
# 
:=
  
5
#2=%-
< >?>?
 

+
    
5
  
! 


2
;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com