Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 18Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 19Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 20Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 21Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 22Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 23Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
20 Configuration Registers (Continued)
24 INDEX AND DATA REGISTERS
Another general aspect of the Configuration Registers is
that the Index and the Data Register pair can be relocated
to one of four locations This is controlled through a hard-
ware strapping option on pins (BADDR01) and it allows the
registers to avoid conflicts with other adapters in the IO
address space Table 2-2 shows the address options
TABLE 2-2 Index and Data Register
Optional Locations
BADDR1
BADDR0
Index Addr
Data Addr
0
0
398
399
0
1
26E
26F
1
0
15C
15D
1
1
2E
2F
25 BASE CONFIGURATION REGISTERS
251 Function Enable Register (FER Index 00h)
This register enables and disables major chip functions (eg
UARTs parallel ports FDC etc) Disabled functions have
their clocks automatically powered-down but the data in
their registers remains intact It also selects whether the
FDC and the IDE controller is located at their primary or
secondary address
Bit 0
When this bit is 1 the parallel port can be accessed at
the address specified in the FAR
Bit 1
When this bit is 1 UART1 can be accessed at the
address specified in the FAR When this bit is 0 ac-
cess to UART1 is blocked and it is in power-down
mode The UART1 registers retain all data in power-
down mode
Caution
Any UART1 interrupt that is enabled and
active or becomes active after UART1 is disabled
asserts the associated IRQ pin If disabling UART1
via software clear the IRQ Enable bit (MCR3) to 0
before clearing FER 1 This is not an issue after reset
because MCR3 is 0 until it is written
Bit 2
When this bit is 1 UART2 can be accessed at the
address specified in the FAR When this bit is 0 ac-
cess to UART2 is blocked and it is in power-down
mode The UART2 registers retain all data in power-
down mode
Caution
Any UART2 interrupt that is enabled and
active or becomes active after UART2 is disabled as-
serts the associated IRQ pin If disabling UART2 via
software clear the IRQ Enable bit (MCR3) to 0 be-
fore clearing FER 1 This is not an issue after reset
because MCR3 is 0 until it is written
Bit 3
When this bit is 1 the FDC can be accessed at the
address specified in the FER bits When this bit is 0
access to the FDC is blocked and it is in power-down
mode The FDC registers retain all data in power-
down mode
Bit 4
When this bit is 0 the PC87334 can control two floppy
disk drives directly without an external decoder
When this bit is 1 the two drive select signals and two
motor enable signals from the FDC are encoded so
that four floppy disk drives can be controlled (see
Table 2-3 and
Figure 2-2 ) Controlling four FDDs re-
quires an external decoder The pin states shown in
Table 2-3 are a direct result of the bit patterns shown
All other bit patterns produce pin states that should
not be decoded to enable any drive or motor
Bit 5
This bit selects the primary or secondary FDC ad-
dress (See Table 2-4)
Bit 6
When this bit is a 1 the IDE drive interface can be
accessed at the address specified by FER bit 7
When it is 0 access to the IDE interface is blocked
the IDE control signals (ie
HCS0 HCS1 IDELO
IDEHI) are held in the inactive state and the IDED7
signal is in TRI-STATE
Bit 7
This bit selects the primary or secondary IDE ad-
dress (See Table 2-4)
TLC12039 – 46
FIGURE 2-2 PC87334 Four Floppy Drive Circuit Example
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com