Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 67 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 67 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 63Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 64Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 65Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 66Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 67Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 68Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 69Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 70Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 71Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 102 page
background image
60 Serial Ports (Continued)
Bit 6
This bit is the Break Control bit It causes a break
condition to be transmitted to the receiving UART
When it is set to 1 the serial output (SOUT) is forced
to the Spacing state (0) The break is disabled by set-
ting bit 6 to 0 The Break Control bit acts only on
SOUT and has no effect on the transmitter logic
Note that this feature enables the CPU to alert a terminal If
the following sequence is used no erroneous characters
will be transmitted because of the break
1 Wait for the transmitter to be idle (TEMTe1)
2 Set break for the appropriate amount of time If the
transmitter will be used to time the break duration
then check that TEMTe1 before clearing the
Break Control bit
3 Clear break when normal transmission has to be
restored
During the break the Transmitter can be used as a
character timer to accurately establish the break dura-
tion by sending characters and monitoring THRE and
TEMT
Bit 7
This bit is the Divisor Latch Access Bit (DLAB) It must
be set high (logic 1) to access the Divisor Latches of
the Baud rate Generator during a Read or Write opera-
tion or to have the Baud Out (BOUT) signal appear on
the BOUT pin It must be set low (logic 0) to access
any other register
TABLE 6-2 PC87334 Register Summary for an Individual UART Channel
No
Bit
Register Address
A0–2e0
A0–2e0
A0–2e1
22
3
4
5
6
7
A0–2e0
A0–2e1
DLABe0
DLABe0
DLABe0
DLABe1
DLABe1
Receiver
Transmitter
Interrupt
Register
Enable
Interrupt
FIFO
Register
Control
Line
Register
MODEM
Control
Register
Status
Line
Register
MODEM
Status
Register
Scratch
Pad
Divisor
(LSB)
Latch
Divisor
(MSB)
Latch
Buffer
Holding
Ident
Control
Register
Register
Register
Register
(Read
(Write
(Read
(Write
Only)
Only)
Only)
Only)
RBR
THR
IER
IIR
FCR
LCR
MCR
LSR
MSR
SCR
DLL
DLM
0
Data Bit 0
Data Bit 0
Enable
‘‘0’’ if
FIFO
Word
Data
Data
Delta
Bit 0
Bit 0
Bit 8
(Note 1)
Received
Interrupt
Enable
Length
Terminal
Ready
Clear
Data
Pending
Select
Ready
(DR)
to Send
Available
Bit 0
(DTR)
Interrupt
1
Data Bit 1
Data Bit 1
Enable
Interrupt
RCVR
Word
Request
Overrun
Delta
Bit 1
Bit 1
Bit 9
Transmitter
ID
FIFO
Length
to Send
Error
Data
Holding
Bit
Reset
Select
(RTS)
(OE)
Set
Register
Bit 1
Ready
Interrupt
Empty
2
Data Bit 2
Data Bit 2
Enable
Interrupt
XMIT
Number of
Out 1
Parity
Trailing
Bit 2
Bit 2
Bit 10
Receiver
ID
FIFO
Stop Bits
Bit
Error
Edge Ring
Line Status
Bit
Reset
(Note 3)
(PE)
Indicator
Interrupt
3
Data Bit 3
Data Bit 3
Enable
Interrupt
Reserved
Parity
IRQ
Framing
Delta
Bit 3
Bit 3
Bit 11
MODEM
ID
Enable
Enable
Error
Data
Status
Bit
(FE)
Carrier
Interrupt
(Note 2)
Detect
4
Data Bit 4
Data Bit 4
0
0
Reserved
Even Parity
Loop
Break
Clear to
Bit 4
Bit 4
Bit 12
Select
Interrupt
Send
(BI)
(CTS)
5
Data Bit 5
Data Bit 5
0
0
Reserved
Stick
0
Transmitter
Data
Bit 5
Bit 5
Bit 13
Parity
Holding
Set
Register
Ready
(THRE)
(DSR)
6
Data Bit 6
Data Bit 6
0
FIFOs
RCVR
Set
0
Transmitter
Ring
Bit 6
Bit 6
Bit 14
Enabled
Trigger
Break
Empty
Indicator
(Note 2)
(MSB)
(TEMT)
(RI)
7
Data Bit 7
Data Bit 7
0
FIFOs
RCVR
Divisor
0
Error in
Data
Bit 7
Bit 7
Bit 15
Enabled
Trigger
Latch
RCVR
Carrier
(Note 2)
(MSB)
Access Bit
FIFO
Detect
(DLAB)
(Note 2)
(DCD)
Note 1
Bit 0 is the least significant bit It is the first bit serially transmitted or received
Note 2
These bits are always 0 in the NS16450 Mode
Note 3
This bit no longer has a pin associated with it
67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com