Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 75 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 75 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 71Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 72Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 73Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 74Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 75Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 76Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 77Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 78Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 79Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
70 Parallel Port (Continued)
EPP 17 Address Read
The following procedure reads from the address register
See also
Figure 7-2
1 The host reads a byte from the EPP address register RD
goes low to gate PD0 – 7 into D0 – 7
2 The EPP pulls ASTRB low to signal the peripheral to start
sending data
3 If WAIT is low during the host read cycle then the EPP
pulls IOCHRDY low
When WAIT goes high the EPP stops pulling IOCHRDY
to low
4 When IOCHRDY goes high it causes RD to go high If
WAIT is high during the host read cycle then the EPP
does not pull IOCHRDY to low
5 When RD goes high it causes the EPP to pull ASTRB
high
Only when ASTRB is high can the EPP change PD0 – 7
After ASTRB goes high the EPP pins D0 – 7 are at TRI-
STATE
TLC12039 – 16
FIGURE 7-2 EPP 17 Address Read
EPP 17 Data Write and Data Read
This procedure writes to the selected peripheral device or
register See also
Figure 7-3
An EPP 17 data write operation is similar to the EPP 17
address write operation and an EPP 17 data read opera-
tion is similar to the EPP 17 address read operation except
that the data strobe (DSTRB signal) and a data register
replace the address strobe (ASTRB signal) and the address
register respectively
EPP Zero Wait State (ZWS) Address Write Operation
(both 17 and 19)
The following procedure performs a short write to the se-
lected peripheral device or register
ZWS should be configured as follows bit 5 of FCR is 1 and
bit 6 of FCR is 0
1 The host writes a byte to the EPP address register WR
goes low to latch D0 – 7 into the data register The latch
drives the data register onto PD0 – 7
2 The EPP first pulls WRITE low and then pulls ASTRB low
to indicate that data has been sent
3 If WAIT is high during the host write cycle ZWS goes low
and IOCHRDY goes high
4 When the host pulls WR high the EPP pulls ASTRB
ZWS and WRITE to high
Only when WRITE and ASTRB are high can the EPP
change PD0 – 7
Note
Read operation is similar except for data direction and activation of
RD instead of write
5 If the peripheral is fast enough to pull WAIT low before
the host terminates the write cycle
the EPP pulls
IOCHRDY to low but does not pull ZWS to low thus
carrying out a normal (non-ZWS EPP 17) write operation
EPP Zero Wait State (ZWS) Data Write Operation
(both 17 and 19)
EPP 17 and 19 Zero Wait State data writeread operations
are similar to the EPP Zero Wait State address writeread
operations with the exception that the data strobe (DSTRB
signal) and a data register replace the address strobe
(ASTRB signal) and the address register respectively See
Figure 7-3
TLC12039 – 17
FIGURE 7-3 EPP Write with ZWS
EPP 19 Address Write
The following procedure selects a peripheral or register
See also
Figure 7-4
1 The host writes a byte to the EPP address register
2 The EPP pulls IOCHRDY low and waits for WAIT to go
low
3 When WAIT goes low the EPP pulls WRITE to low and
drives the latched byte onto PD0 – 7
If WAIT was already low then steps 2 and 3 occur con-
currently
4 The EPP pulls ASTRB low and waits for WAIT to go high
5 When WAIT goes high the EPP stops pulling IOCHRDY
low pulls ASTRB high and waits for WAIT to go low
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com