Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 72Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 73Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 74Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 75Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 76Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 77Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 78Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 79Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 102 page
background image
70 Parallel Port (Continued)
6 Only if no EPP write is pending when WAIT goes low (or
when bit 7 of PTR is 1 and the direction is changed to
Backwards by setting bit 5 of CTR to 1) the EPP pulls
WRITE to high
If an EPP write is pending WRITE remains low and the
EPP may change PD0 – 7
TLC12039 – 18
FIGURE 7-4 EPP 19 Address Write
EPP 19 Address Read
The following procedure reads from the address register
See also
Figure 7-5
1 The host reads a byte from the EPP address register
When RD goes low the EPP pulls IOCHRDY low and
waits for WAIT to go low
2 When WAIT goes low the EPP pulls ASTRB low and
waits for WAIT to go high
If wait was already low steps 2 and 3 occur concurrently
3 When WAIT goes high the EPP stops pulling IOCHRDY
low latches PD0 – 7 and pulls ASTRB high
4 When RD goes high the EPP pins D0 – 7 are at TRI-
STATE
EPP 19 Data Write and Data Read
This procedure writes to the selected peripheral drive or
register See
Figure 7-5
EPP 19 data read and write operations are similar to EPP
19 address read and write operations respectively except
that the data strobe (DSTRB signal) and a data register re-
place the address strobe (ASTRB signal) and the address
register
TLC12039 – 19
FIGURE 7-5 EPP 19 Address Read
Parallel Port Multiplexor (PPM)
A PPM is used for a PC to interface with either a printer or
an external FDD via a 25-pin DIN connector It may have an
internal Floppy Disk Drive (FDD) connected via regular FDC
pins The printer and external FDD may be switched without
turning the PC off and without updating the DOS device
tables The software may assign ‘‘A’’ to the FDD connected
to the regular FDC pins and ‘‘B’’ to the FDD connected to
the PPM pins (the default assignment) or vice versa
The Multiplexors
1 The FDC output signals are always connected to the reg-
ular FDC output pins
The FDC output signals are connected to the PPM output
pins when the PPM is enabled (bit 2 of FCR is 1) and a
floppy drive is connected to it (PFN e 0)
(See
Table 7-5)
The FDC input signals are connected to the regular FDC
pins when either bit 2 of FCR is 0 or PNF e 1
The FDC input pins are internally multiplexed between
the regular FDC pins and the PPM pins when bit 2 of FCR
is 1 and PNF e 0 as follows
the PPM pins are connected to the FDC input signals
when DR1 e 0
the regular pins are connected to the FDC input sig-
nals when DR1 e 1
2 Floating the PPM pins
To support ‘‘true’’ floating pins the pins are back-drive
protected
When bit 3 of FCR is 1 the PPM pins are floated
76



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com