Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
30 FDC Register Description (Continued)
D4 5
Drive ID01
(For Enhanced mode)
Bits 4 and 5 are read only bits which hold the val-
ues of pins DRID01
D3 2
Bits 3 and 2 are readwrite bits that control logical
drive exchange
When working in four drive encoded mode (bit 4 of
FER is 1) the logical drive exchange is not per-
formed
00 No logical drive exchange
01 Logical drive exchange between drives 0 and 1
as selected by bit 4 of FCR
10 Logical drive exchange between drives 0 and 2
This bit allows software to exchange the physi-
cal floppy disk control signals assigned to drive
0 and 2 Under these conditions the DR0
DR23 and MTR0 pin functions are as follows
DR2 internal signal to DR0 pin
MTR2 internal signal to MTR0 pin
DR0 internal signal to DR23 pin
Note
Drive 3 is not exchanged at the same time as Drive 2
11 Reserved Unpredictable results when 11 is
configured
D1 0
Tape Select 10
These bits assign a logical drive
number to a tape drive Drive 0 is not available as a
tape drive and is reserved as the floppy disk boot
drive See Table 3-4 for the tape drive assignment
values
TABLE 3-4 Media ID Bit Functions
Bit 7
Bit 6
Bit 5
Media Type
X
X
1
Invalid Data
0
0
0
525
0
1
0
288M
1
0
0
144M
1
1
0
720k
TABLE 3-5 Tape Drive Assignment Values
TAPESEL1
TAPESEL0
Drive
Selected
0
0
None
01
1
10
2
11
3
TABLE 3-3 TDR Operation Modes
Mode
FCR
ASC
TDR
D7
D6
D5
D4
D3
D2
D1
D0
Bit 0
Bit 2
Bit
Compatible AT TDR
10
DESC
XX
X
X
X
X
TAPE
TAPE
SEL 1
SEL 0
RESET
NA
NA
NA
NA
NA
NA
0
0
COND
Automatic Media Sense
00
DESC
ED
HD
VALID
XX
X
TAPE
TAPE
DATA
SEL 1
SEL 0
RESET
NA
NA
NA
NA
NA
NA
0
0
COND
Enhanced
or
1
0
1
DESC
ED
HD
DRID1
DRID0
SWP1
SWP0
TAPE
TAPE
SEL 1
SEL 0
RESET
NA
NA
NA
NA
0
0
0
0
COND
32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com