Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 26 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 26 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 22Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 23Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 30Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
20 Configuration Registers (Continued)
Bit 4
PD and IDLE (FDC power management output pins)
enable bit
When this bit is 0 pins 4341 (PQFPTQFP) and
4543 (PQFPTQFP) are MTR1 and DR1 respectively
When this bit is 1 pins 4341 (PQFPTQFP) and
4543 (PQFPTQFP) are IDLE and PD respectively
Bit 5
Selective Lock bit This bit enables locking of the fol-
lowing configuration bits bit 5 of PMC bit 4 of FER
bits 0 – 7 of FAR bits 2 – 3 of PTR bits 6 – 7 of FCR
and bit 0 of TUP Unlike bit 6 of PTR it does not lock
all the configuration bits
Once this bit is set by software it can only be cleared
by a hardware reset This bit should be used instead of
bit 6 of PTR if a configuration bit should be dynamically
modified by software (like PMC bits)
When this bit is 0 bit 6 of PTR can be used to lock all
configuration registers
When this bit is 1 the above configuration bits cannot
be modified A hardware reset clears this bit
Bit 6
Parallel Port Multiplexor (PPM) TRI-STATE enable bit
This bit enables reduction in power consumption
(when the SuperIO is in power-down mode or the par-
allel port is disabled) by placing the PPM outputs in
TRI-STATE and blocking the PPM inputs
When this bit is 0 the parallel port pins are enabled
When this bit is 1 and either the parallel port is dis-
abled or the SuperIO is in power-down mode the out-
puts of the Parallel Port pins (except IRQ5 and IRQ7)
are in TRI-STATE and the inputs are blocked to re-
duce their leakage currents
The values of the blocked inputs are
BUSYe1
PEe0 SLCTe0 ACKe1 and ERRe1
Bit 7
Reserved
To
maintain
compatibility
with
future
SuperIO devices this bit must not be modified when
this register is written Use read-modify-write to pre-
serve the value of this bit
257 Tape UARTs and Parallel Port Configuration
Register (TUP Index e 07h)
The TUP Register is cleared to 0XX0000X on reset
Bit 0
CLK48 Clock divider enable bit
When a 48 MHz clock is used this bit should be 1
When a 24 MHz clock is used this bit should be 0
When this bit is 0 the clock for all the PC87334 mod-
ules is X1OSC (ie 24 MHz)
When this bit is 1 the clock of all PC87334 modules
except the FDC is X1OSC divided by 2 (ie 482 e
24 MHz) and the FDC clock depends on bit 1 of TUP
During reset the value of CLK48 pin (pin 5755
(PQFPTQFP) ) is latched into this bit
This bit should not be modified by the user
Bit 1
FDC’s 2 Mbps enable bit
When this bit is 0 a 2 Mbps data rate is not supported
by the FDC and the FDC clock is 24 MHz (X1OSC
when bit 0 of TUP is 0 or X1OSC divided by 2 when
bit 0 of TUP is 1)
When this bit is 1 2 Mbps is supported by the FDC
and the FDC clock is 48 MHz (X1OSC when bit 0 of
TUP is 1) Bit 0 of TUP must be set to 1 and a 48 MHz
clock must be used to support a 2 Mbps data rate
The operating voltage should be 5V (See Section 50
FDC Functional Description)
Bit 2
EPP Timeout Interrupt Enable bit
When this bit is 0 the EPP timeout interrupt is masked
When this bit is 1 the EPP timeout interrupt is generat-
ed on the selected IRQ line (IRQ5 or IRQ7) according
to PCR 6
Bit 3
UART 1 clock divisor control (MIDI baud rate configu-
ration) bit
When this bit is 0 the UART 1 Baud Rate Generator is
fed by the master clock divided by 13
When this bit is 1 the UART 1 Baud Rate Generator is
fed by the master clock divided by 12 This bit should
be set to 1 to support MIDI baud rates
Bit 4
UART 2 clock divisor control (MlDI baud rate configu-
ration) bit
When this bit is 0 the UART 2 Baud Rate Generator is
fed by the master clock divided by 13
When this bit is 1 the UART 2 Baud Rate Generator is
fed by the master clock divided by 12 This bit should
be set to 1 to support MIDI baud rates
Bit 5
PD status bit This bit holds the FDC power-down
state as defined for the PD pin even when pin 4543
(PQFPTQFP) is not configured as PD This bit is read
only
Bit 6
IDLE status bit This bit holds the FDC idle state as
defined for the IDLE pin even when pin 4341 (PQFP
TQFP) is not configured as IDLE and when IDLE is
masked by bit 7 of TUP This bit is read only
Bit 7
IDLE pin mask bit This bit masks the IDLE output pin
(but not the IDLE status bit) This bit is ignored when
pin 4341 (PQFPTQFP) is not configured as idle
When this bit is 0 the IDLE output pin is unmasked
The IDLE pin drives the value of the FDC idle state
When this bit is 1 the IDLE output pin is masked The
IDLE pin is driven low
258 SuperIO Identification Register
(SID Index e 08h)
The SID Register is accessed like the other configuration
registers through the Index Register This read-only register
is used to identify the PC87334 device
76543
2
1
0
01010XXX
Super IO Identification
Reg (SID)
Index e 08h
259 Advanced SuperIO Configuration Register
(ASC Index 09h)
During reset bits 0 – 2 and bit 5 are initialized to 0 and bits
6 – 7 are initialized to 1
Bit 0
IRQ5DRATE0 select
0 Pin 98 (PQFP) or pin 96 (TQFP) is IRQ5
1 Pin 98 (PQFP) or Pin 96 (TQFP) is ADRATE0 open
drain output
Selection of parallel port interrupt pin (IRQ5 or IRQ7)
via bits 1 and 0 of FAR and via bit 3 of PTR is ignored
and IRQ7 is used as the parallel port interrupt Unlike
IRQ5 ADRATE0 is not controlled by bits 5 and 6 of
PCR It has the same value as DRATE0
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com