Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 84 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 84 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 80Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 81Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 82Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 83Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 84Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 85Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 86Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 87Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 88Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 102 page
background image
100 Electrical Characteristics
101 DC Electrical Characteristics 5V g10%
ABSOLUTE MAXIMUM RATINGS
(Notes 1 and 2)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD VDDA)
b
05V to a70V
Input Voltage (VI)
b
05 to VDD a05V
Output Voltage (VO)
b
05 to VDD a05V
Storage Temperature (TSTG)
b
65 Cto a165 C
Power Dissipation (PD)1W
Lead Temperature (TL)
(Soldering 10 seconds)
a
260 C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (VDD)
45V to 55V
Operating Temperature (TA)0 Cto70 C
ESD Tolerance
1500V
CZAP e 100 pF
RZAP e 15 kX (Note 3)
CAPACITANCE
TA e 25 C f e 1 MHz
Symbol
Parameter
Min
Typ
Max
Units
CIN
Input Pin Capacitance
5
7
pF
CIN1
Clock Input Capacitance
8
10
pF
CIO
IO Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
6
8
pF
DC CHARACTERISTICS
Under Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
20
VDD
V
VIL
Input Low Voltage
b
05
08
V
ICC
VDD Average Supply Current
VIL e 05V
VIH e 24V
20
55
mA
No Load
ICCSB
VDD Quiescent Supply Current
VIL e VSS
(Note 4)
in Low Power Mode
VIH e VDD
20
m
A
No Load
IIL
Input Leakage Current
VIN e VDD
10
m
A
(Note 5)
VIN e VSS
b
10
Note 1
Absolute Maximum Ratings are those values beyond which damage to the device may occur
Note 2
Unless otherwise specified all voltages are referenced to ground
Note 3
Value based on test complying with NSC SOP5-028 human body model ESD testing using the ETS-910 tester
Note 4
The parameter ICCSB is guaranteed by characterization Due to test conditions it is not 100% tested ICCSB is measured when UART1 and UART2’s FCR
bit is 1
Note 5
During reset the MFM pin is rated for 10 mA b150 mA leakage is due to an internal pull-up resistor The RTS1 2 and SOUT1 2 and DTR1 2 and HCS0 1
and IDEHI and VLD01 and IDEHLO are rated for 200 mA b160 mA leakage is due to internal pull-down resistors During normal operation the BUSY PE
and SLCT pins are rated for 100 mA b200 mA leakage is due to internal pull-down resistors The ACK and ERR pins are rated for 10 mA b200 mA
leakage is due to internal pull-up resistors
84



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com