Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 44Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 45Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 46Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 47Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 48Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 49Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 50Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 51Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 102 page
background image
40 FDC Command Set Description (Continued)
SCAN LOW OR EQUAL
Command Phase
MT
MFM
SK
1
1
0
0
1
IPS
X
X
X
X
HD
DR1
DR0
Track Number
Drive Head Number
Sector Number
Bytes per Sector
End of Track Sector Number
Intersector Gap Length
Sector Step Size
Execution Phase
Data transferred from system to control-
ler is compared to data read from disk
Result Phase
Status Register 0
Status Register 1
Status Register 2
Track Number
Head Number
Sector Number
Bytes per Sector
4116 Seek Command
The Seek command steps the selected drive in or out until
the desired track number is reached During the Execution
Phase of the Seek command the track number to seek to is
compared with the present track number The controller will
determine how many step pulses to issue and the DIR disk
interface output will indicate which direction the RW head
should move The DRx BUSY bit is set in the MSR for the
appropriate drive The controller will wait the Motor On time
before issuing the first step pulse
After the Motor On time the controller will enter the Idle
Phase The execution of the actual step pulses occurs in the
Drive Polling phase of the controller The step pulse rate is
determined by the value programmed in the Specify com-
mand An interrupt will be generated one step pulse period
after the last step pulse is issued A Sense Interrupt com-
mand should be issued to determine the cause of the inter-
rupt There is no Result Phase
While the internal microengine is capable of performing
seek commands on 2 or more drives at the same time soft-
ware should ensure that only one drive is seeking at a time
This is because the drives are actually selected via the
DOR which can only select one drive at a time No other
command except a Sense Interrupt command should be is-
sued while a Seek command is in progress
If the extended track range mode is enabled with the ETR
bit in the Mode command a fourth command byte should be
written in the Command Phase to indicate the four most
significant bits of the desired track number Otherwise only
three command bytes should be written
Command Phase
00001111
XXXXX
HD
DR1
DR0
New Track Number
MSN of Track Number
0000
Note
The last Command Phase byte is required only if ETR is set in Mode
Command
Execution Phase
Disk drive head is stepped in or out to a
programmed track
Result Phase
None
4117 Sense Drive Status Command
The Sense Drive Status command returns the status of the
selected disk drive in ST3 This command does not gener-
ate an interrupt
Command Phase
00000
1
0
0
XXXXXHDDR1
DR0
Execution Phase
Disk drive status information is detected
and reported
Result Phase
Status Register 3
4118 Sense Interrupt Command
The Sense Interrupt command is used to determine the
cause of an interrupt when the interrupt is a result of the
change in status of any disk drive
Command Phase
00001000
Execution Phase
Status of interrupt is reported
Result Phase
Status Register 0
Present Track Number (PTR)
MSN of PTR
0000
Note
The third Result Phase byte can only be read if ETR is set in the Mode
Command
Four possible causes for the interrupt are
1 Entry into the Result Phase of any of the following com-
mands
a
Read Data
b
Read Deleted Data
c
Read a Track
d
Read ID
e
Write Data
f
Write Deleted Data
g
Format
h
Scan
i
Verify
2 Occurrence of a data transfer in the Execution Phase
while in the Non-DMA mode
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com