Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 42Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 44Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 45Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
40 FDC Command Set Description (Continued)
418 Perpendicular Mode Command
The Perpendicular Mode command is designed to support
the unique Format and Write Data requirements of Perpen-
dicular (Vertical) Recording disk drives (4 Mbyte unformat-
ted capacity) The Perpendicular Mode command config-
ures each of the four logical drives as a perpendicular or
conventional disk drive Configuration of the four logical disk
drives is done via the D3 – 0 bits or with the GAP and WG
control bits This command should be issued during the ini-
tialization of the floppy controller
Command Phase
0
0
0100
1
0
OW
0
DC3
DC2
DC1
DC0
GAP
WG
Execution Phase
Internal registers are written
Result Phase
None
Perpendicular Recording drives operate in ‘‘Extra High Den-
sity’’ mode at 1 Mbps and 2 Mbps and are downward com-
patible with 144 Mbyte and 720 kbyte drives at 500 kbps
(High Density) and 250 kbps (Double Density) respectively
If perpendicular drives are present in the system this com-
mand should be issued during initialization of the floppy con-
troller which configures each drive as perpendicular or con-
ventional Then when a drive is accessed for a Format or
Write Data command the floppy controller adjusts the For-
mat or Write Data parameters based on the data rate select-
ed (see Table 4-6)
TABLE 4-6 Effect of Drive Mode and Data Rate on Format and Write Commands
Drive
GAP2 Length
Portion of GAP2
Data Rate
Mode
Written during
Re-Written by
Format
Write Data Command
250 kbps300 kbps500 kbps
Conventional
22 Bytes
0 Bytes
Perpendicular
22 Bytes
19 Bytes
1 Mbps2 Mbps
Conventional
22 Bytes
0 Bytes
Perpendicular
41 Bytes
38 Bytes
TABLE 4-7 Effect of GAP and WG on Format and Write Commands
Mode
GAP2 Length
Portion of GAP2
GAP
WG
Description
Written during
Re-Written by
Format
Write Data Command
0
0
Conventional
22 Bytes
0 Bytes
0
1
Perpendicular
22 Bytes
19 Bytes
(500 kbps)
1
0
Reserved
22 Bytes
0 Bytes
(Conventional)
1
1
Perpendicular
41 Bytes
38 Bytes
(1 Mbps2 Mbps)
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com