Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 12Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 18Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 19Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
STB
95
93
IO
Data Strobe
This output signal indicates to the printer that valid data is available at the
printer port This pin is in a TRl-STATE condition 10 ns aftera0is loaded into the
corresponding Control Register bit The system should pull this pin high using a 47 kX
resistor (See WRlTE for further information)
STEP
Normal
40
38
O
Step
This output signal issues pulses to the disk drive at a software programmable rate to
move the head during a seek operation
Mode
STEP
PPM
81
79
O
Step
This pin provides an additional step signal in PPM Mode when PNF e 0 (See SLIN
ASTRB and Table 7-5 for further information)
Mode
TC
6
4
I
TerminaI Count
Control signal from the DMA controller to indicate the termination of a DMA
transfer TC is accepted only when FDACK is active TC is active high in PC-AT and Model 30
modes and active low in PS2 mode
TRK0
Normal
37
35
I
Track 0
This input indicates to the controller that the head of the selected floppy disk drive is
at track zero
Mode
TRK0
PPM
93
91
I
Track 0
This pin provides an additional Track 0 signal in PPM Mode when PNF e 0 (See
PD1 and Table 7-5 for further information)
Mode
VDDBC
50 99
48 97
Power Supply
This is the 33V or 5V supply voltage for the PC87334VLJPC87334VJG
circuitry
VLD01
56 63
54 61
I
Valid Data
These input pins are sensed during reset and indicate the state of bit 5 in the FDC
Tape Drive Register (3F3h) They indicate whether bits 6 and 7 of this register contain valid
media ID information for floppy drives 0 and 1 If VLD0 is sensed low at reset then whenever
drive 0 is accessed bit 5 of the Tape Drive Register is a 0 indicating that bits 6 and 7 contain
valid media ID information If VLD0 is sensed high at reset then whenever drive 0 is accessed
bit 5 of the Tape Drive Register is a 1 indicating that bits 6 and 7 do not contain valid media ID
information The same is true of VLD1 relative to the media ID information for drive 1
If bit 0 of FCR is 1 the VLD bits have no meaning VLD0 value during reset is loaded into bit 0
of FCR (to select between media sense or DRATE) A 30 kX internal pull-down resistor is on
each pin Use a 10 kX resistor to pull these pins to high during reset
VSSB-E
42 9
40 7
Ground
This is the ground for the PC87334VLJPC87334VJG circuitry
90 61
88 59
WAIT
84
82
I
Wait
This signal is used in EPP mode by the parallel port device to extend its access cycle It
is active low (See BUSY and Table 7-5 for further information)
WR
18
16
I
Write
Active low input signal to indicate a write from the microprocessor to the controller
WDATA
Normal
39
37
O
Write Data
This output is the write precompensated serial data that is written to the selected
floppy disk drive Precompensation is software selectable
Mode
WDATA
PPM
83
81
O
Write Data
This pin provides an additional Write Data signal in PPM Mode when PNF e 0
(See PE and Table 7-5 for further information)
Mode
WGATE
Normal
38
36
O
Write Gate
This output signal enables the write circuitry of the selected disk drive WGATE
has been designed to prevent glitches during power up and power down This prevents writing
Mode
to the disk when power is cycled
WGATE
PPM
82
80
O
Write Gate
This pin provides an additional Write Gate signal in PPM Mode when PNF e 0
(See SLCT and Table 7-5 for further information)
Mode
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com