Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 70 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 70 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 66Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 67Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 68Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 69Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 70Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 71Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 72Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 73Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 74Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
60 Serial Ports (Continued)
Bits 6 7
The combination of FCR6 and FCR7 is used to
designate the interrupt trigger level (see
Figure
62 ) When the number of bytes in the RCVR FIFO
equals the designated interrupt trigger level a Re-
ceived Data Available Interrupt is activated This
interrupt must be enabled by setting the Interrupt
Enable Register (IER) bit 0
FCR Bits
Trigger Level (Bytes)
RCVR FIFO
76
00
01
01
04
10
08
11
14
FIGURE 6-2 Receiver FIFO Trigger Level
66 INTERRUPT IDENTIFICATION REGISTER (IIR)
In order to provide minimum software overhead during data
character transfers the UART prioritizes interrupts into four
levels and records these in the Interrupt Identification Reg-
ister The four levels of interrupt conditions in order of priori-
ty are Receiver Line Status Received Data Ready Trans-
mitter Holding Register Empty and MODEM Status
When the CPU accesses the IIR the UART freezes all inter-
rupts and indicates to the CPU which pending interrupt has
the highest priority While the CPU accesses this interrupt
routine the UART records new interrupts but does not
change its current indication until the current access is com-
plete Table 6-2 shows the contents of the IIR Details on
each bit follow
Bit 0
This bit can be used in an interrupt environment to
indicate whether an interrupt condition is pending
When it is 0 an interrupt is pending and the IIR
contents may be used as a pointer to the appropri-
ate interrupt service routine When it is 1 no inter-
rupt is pending See Table 6-5
Bits 1 2
These two bits of the IIR are used to identify the
highest priority interrupt pending as indicated in
Table 6-5
Bit 3
In the 16450 mode this bit is 0 In the FIFO mode it
is set along with bit 2 when a time-out interrupt is
pending See Table 6-5
Bits 4 5
These bits of the IIR are always 0
Bits 6 7
These two bits are set when FCR0 e 1 (FIFO
Mode enabled)
TABLE 6-5 PC87334 Interrupt Control Functions
Interrupt Identification
Interrupt Set and Reset Functions
Register
Bit 3
Priority
Level
(FIFO Mode
Bit 2
Bit 1
Bit 0
Interrupt Type
Interrupt Source
Interrupt Reset Control
Only)
0
0
0
1
None
None
0
1
1
0
Highest Receiver Line Status
Overrun Error Parity Error
Reading the Line
Framing Error or Break
Status Register
Interrupt
0
1
0
0
Second Received Data Available Receiver Data Available
Read Receiver Buffer
1
1
0
0
Second Character
No Characters have been
Reading the Receiver
(FIFO
Time-Out
removed from or input to the
Buffer Register
mode
Indication
RCVR FIFO during the last 4
only)
char times and there is at least
1 char in it during this time
0
0
1
0
Third
Transmitter Holding
Transmitter Holding
Reading the IIR Register
Register Empty
Register Empty
(if Source of Interrupt) or
Writing the Transmitter
Holding Register
0
0
0
0
Fourth MODEM Status
Clear to Send or Data Set
Reading the MODEM
Ready or Ring Indicator
Status Register
or Data Carrier Detect
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com