Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 85 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 85 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 81Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 82Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 83Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 84Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 85Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 86Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 87Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 89Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 102 page
background image
100 Electrical Characteristics (Continued)
DC CHARACTERISTICS
Under Recommended Operating Conditions (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
MICROPROCESSOR AND IDE INTERFACE PINS
VOH
Output High Voltage
IOH eb15 mA on
24
V
D0 – 7 IDED7 IRQ3 – 7 DRQ
IOH eb6mAon
DTR RTS SOUT
MFM DRATE
IDEHI IDELO HCS 3F3RD
VOL
Output Low Voltage
IOL e 24 mA on
04
V
D0 – 7 IDED7 IRQ3 – 7 DRQ
ZWS IOCHRDY MFM
IOL e 12 mA on
DTR RTS SOUT HCS
IOL e 6mAon
DRATE IDEHI IDELO 3F3RD
IOZ
Input TRI-STATE Leakage Current
VIN e VDD
50
m
A
(D7 – 0 IRQ3 – 7 DRQ)
VIN e VSS
b
50
DISK INTERFACE PINS
(Note 6)
VH
Input Hysteresis
250
mV
VOH
Output High Voltage (Note 7)
IOH eb4 mA
24
V
VOL
Output Low Voltage
IOL e 40 mA
04
V
ILKG
Output High Leakage Current (Note 7)
VIN e VDD
10
m
A
VIN e VSS
b
10
OSCILLATOR PIN
(XTAL1CLK)
VIH
XTAL1 Input High Voltage
20
V
VIL
XTAL1 Input Low Voltage
04
V
IXLKG
XTAL1 Leakage Current
VIN e VDD
400
m
A
VIN e VSS
b
400
PARALLEL PORT PINS
ICH
High Level Output Current (Note 8)
VOH e 24V
12
mA
ICL
Low Level Output Current
VOL e 04V
12
mA
SERIAL INFRARED PINS
VOH
Output High Voltage
IOH eb100 mAVCC b 02
V
IOH eb6 mA
24
VOL
Output Low Voltage
IOH e 100 mA
02
V
IOH e 6 mA
04
Note 6
When PPM is active and FDC is selected via the parallel port pins the parallel port pins behave as the other Disk Interface pins If FDC is not selected
(PNF e 1) or PPM is not active the parallel port pins behave normally
Note 7
VOH and ILKG for the disk interface pins is valid for CMOS buffered outputs only
Note 8
AFD INIT SLIN and STB are open drain pins when the PC87334 parallel port is operating in one of the following modes Compatible Extended EPP17
ECP mode 0 or ECP mode 2 if PCR1 is 0 47 kX resistors should be used
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com