Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 95Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
100 Electrical Characteristics (Continued)
1036 Receiver Timing
Symbol
Parameter
Conditions
Min
Max
Units
tIRRXW
IRRX Pulse Width
16 ms
316
Baud Out Cycles
tRAI
Delay from Active Edge of RD to Reset IRQ
78
ns
tRINT
Delay from Inactive Edge of RD (RD LSR) to Reset IRQ
55
ns
tSCD
Delay from RCLK to Sample Time (Note 1)
41
ns
tSINT
Delay from Stop Bit to Set Interrupt
2
Baud Out Cycles
Note 1
This is an internal timing and is therefore not tested
TLC12039 – 29
FIGURE 10-6a Receiver Timing
TLC12039 – 30
Note 2
If SCR0 e 1 then tSINT e 3 RCLKs For a Timeout interrupt tSINT e 8 RCLKs
FIGURE 10-6b FIFO Mode Receiver Timing
92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com