Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 2Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 3Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 4Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 5Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 6Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 7Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 8Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 9Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 102 page
background image
List of Tables
TABLE 1-1
Pin Descriptions (Alphabetical)
TABLE1-2
SIR Pin Allocation
TABLE 2-1
Default Configurations Controlled by Hardware
TABLE 2-2
Index and Data Register Optional Locations
TABLE 2-3
Encoded Drive and Motor Pin Information
TABLE 2-4
Primary and Secondary Drive Address Selection
TABLE 2-5
Parallel Port Addresses
TABLE 2-6
COM Port Selection for UART1
TABLE 2-7
COM Port Selection for UART2
TABLE 2-8
Address Selection for COM3 and COM4
TABLE 2-9
Logical Drive Exchange
TABLE 2-10
Parallel Port Mode
TABLE 2-11
Methods to Achieve Group 1 Power-Down Modes
TABLE 3-1
Register Description and Addresses
TABLE 3-2
Drive Enable Values
TABLE 3-3
TDR Operation Modes
TABLE 3-4
Media ID Bit Functions
TABLE 3-5
Tape Drive Assignment Values
TABLE 3-6
Write Precompensation Delays
TABLE 3-7
Default Precompensation Delays
TABLE 3-8
Data Rate Select Encoding
TABLE 4-1
Typical Format Gap Length Values
TABLE 4-2
Typical Format GAP3 Length Values Based on PC Compatible Diskette Media
TABLE 4-3
DENSEL Default Encoding
TABLE 4-4
DENSEL Encoding
TABLE 4-5
Head Settle Time Calculation
TABLE 4-6
Effect of Drive Mode and Data Rate on Format and Write Commands
TABLE 4-7
Effect of GAP and WG on Format and Write Commands
TABLE 4-8
Sector Size Selection
TABLE 4-9
SK Effect on the Read Data Command
TABLE 4-10
Result Phase Termination Values with No Error
TABLE 4-11
SK Effect on the Read Deleted Data Command
TABLE 4-12
Maximum Recalibrate Step Pulses Based on R255 and ETR
TABLE 4-13
Scan Command Termination Values
TABLE 4-14
Status Register 0 Termination Codes
TABLE 4-15
Set Track Register Address
TABLE 4-16
Step Rate Time (SRT) Values
TABLE 4-17
Motor Off Time (MFT) Values
TABLE 4-18
Motor On Time (MNT) Values
TABLE 4-19
Verify Command Result Phase
TABLE 6-1
PC87334 UART Register Addresses (AEN e 0)
TABLE 6-2
PC87334 Register Summary for an Individual UART Channel
TABLE 6-3
PC87334 UART Reset Configuration
TABLE 6-4
PC87334 UART Divisors Baud Rates and Clock Frequencies
TABLE 6-5
PC87334 Interrupt Control Functions
TABLE 7-1
Parallel Interface Register Addresses
TABLE 7-2
Standard Parallel Port Modes Selection
TABLE 7-3
SPP Data Register Read and Write Modes
TABLE 7-4
Parallel Port Reset States
TABLE 7-5
EPP Registers
TABLE 7-6
Parallel Port Pin Out
TABLE 7-7
ECP Registers Summary
TABLE 8-1
IDE Registers and Their ISA Addresses
TABLE 10-1
Nominal tICP tDRP Values
TABLE 10-2
Minimum tWDW Values
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com