Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 23Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
20 Configuration Registers (Continued)
Bit 1
DRV2 DR23 select
0 Pin 49 (PQFP) or pin 47 (TQFP) is DRV2
1 Pin 49 (PQFP) or pin 47 (TQFP) is DR23
DR23 is asserted when either drive 2 or drive 3 is ac-
cessed (except during logical drive exchangesee bit
3 of TDR)
The value of DR23 is undefined when working in four
drive encoded mode (bit 4 of FER is 1) The PC87334
assumes DRV2 is 1 when bit 1 of ASC is 1
Bit 2
Enhanced TDR support
0 TDR read is a function of bit 0 of the FCR configura-
tion register
Pin 59 (PQFP) or pin 57 (TQFP) is IOCS16
Pin 56 (PQFP) or pin 54 (TQFP) is IDEHI VLD0
1 Pin 59 (PQFP) or pin 57 (TQFP) is DRID0 input The
PC87334 assumes IOCS16 is active when bit 2 of
ASC is 1
Pin 56 (PQFP) or pin 54 (TQFP) is DRID1VLD0
input
Bit 2 of ASC should be set to one before the FDD is
accessed
thus preventing contention between
IDEHI and DRID1
The PC87344 provides full TDR support
Bit 3
PNF status bit This bit reflects the value of the PNF
pin It is a read only bit data written to this bit is ig-
nored It is undefined when the pin is configured as
DRV2 or DR23 This bit is 1 when the FDC is powered
down
0 Indicates floppy drive is connected
1 Indicates printer is connected
Bit 4
Reserved
Bit 5
The value of this bit is reflected on bit 3 of CNFGA
ECP register
Bits 6 7
System Operation Mode The PC87334 can be
configured to either PC-AT PS2 or Model 30
modes
00 Model 30 mode
01 PS2 mode
10 Reserved and illegal
11 PC-AT mode
2510 Infrared Configuration Register
(IRC Index e 0Eh)
On reset this register is initialized to zero Some bits are
reserved for future use The value of the reserved bits may
not be altered by software a read modify write operation is
required to modify this register
Bit 0
UART2 Interface Mode This bit is used for run-
time selection of either Normal (Modem) UART or
Serial Infra Red (SIR)
0 Normal (MODEM) mode
1 SIR mode
Bit 1
SIR HalfFull Duplex configuration bit
0 Full Duplex Both transmitter and receiver are
enabled simultaneously
1 Half Duplex The receiver input is blocked (in-
ternally forced low) when the transmitter is on
(when UART2’s SOUT2 is ‘0’)
In Normal (MODEM) mode this bit is ignored
Bits 3 2
SIR pins allocation These bits are used to con-
figure the PC87334 according to the SIR signals
connection in the assembled board
00 SIR disabled and UART2 in Normal (MO-
DEM) mode Bits 4 2 1 and 0 of IRC are
ignored
01 SIR signals on UART2 pins IRTX on pin 63
(PQFP) or pin 61 (TQFP) and IRRX on pin
68 (PQFP) or pin 66 (TQFP)
10 Reserved
11 SIR signals on IDE pins (option
2) IRTX
on pin 56 (PQFP) or pin 54 (TQFP) and
IRRX on pin 59 (PQFP) or pin 57 (TQFP)
IDE DMA should not be configured or used
For UART2 pin functionssee the pin de-
scriptions in Section 10
Bit 4
SIR transmitter drive control bit
0 When IRTX is active it is active for 16 ms
1 When IRTX is active it is active for 316
baud
In Normal (MODEM) mode this bit is ignored
Bits 7 6 5
Reserved for future use (implemented as read
write bits) The value of the reserved bits may
not be altered by software a read modify write
operation is required to modify this register
26 POWER-DOWN OPTIONS
The PC87334 places special emphasis on power manage-
ment Power management methods can be divided into two
major groups
Group 1
Full device power-downthe entire PC87334
SuperIO is powered-down and thus disabled
Group 2
Specific function power-downspecific SuperIO
modules (FDC UART1 UART2 IDE ECP or Par-
allel Port) are powered-down and thus disabled
All power-down modes are enhanced by a new feature
which allows the output pins associated with a specific func-
tion (FDC UART1 UART2 IDE Parallel Port) to be TRI-
STATE pins and reduces current leakage by blocking their
inputs
Four modules in the PC87334 are operated by the internal
clockFDC UART1 UART2 and ECP These modules can
be powered-down or disabled by stopping their associated
internal clocks
In addition
all four modules can be
powered-down or disabled by stopping the external crystal
oscillator
Modules which do not use a clock the IDE and Parallel Port
(SPPEPP) can be powered-down or disabled by simply
blocking access to them
All the above power-down modes can be achieved using
the power-down methods from Group 1 or Group 2 as de-
scribed in the following sections
27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com