Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 102 page
background image
20 Configuration Registers (Continued)
261 Recommended Power-Down MethodsGroup 1
Use the power-down methods in Group 1 to place the
PC87334 in one of the following modes
Mode 1
The entire chip is powered-down the crystal osci-
IIator is stopped pins are TRI-STATE and the in-
puts are blocked
In this mode the maximum current saving can be
achieved
Mode 2
The entire chip is powered-down the crystal os-
cillator is stopped Pins are driven
Mode 3
The entire chip is powered-down pins are TRI-
STATE and the inputs are blocked The crystal
oscillator operates and provides fast wake-up
Mode 4
The entire chip is powered-down Pins are driven
The crystal oscillator operates
There are 13 methods to reach the above four operating
modes See Table 2-11 Group 1
262 Recommended Power-Down MethodsGroup 2
Use the power-down modes in Group 2 to place the
PC87334 in any desired combination of the following power-
down modes
Mode 1
Parallel Port (SPPEPPECP) is powered-down
providing a savings of up to 5 mA
Mode 2
UARTs are powered-down providing a savings of
up to 5 mA
Mode 3
FDC is powered-down providing a savings of up
to 4 mA
Mode 4
IDE is powered-down providing a savings of up
to 01 mA
See also the PMC register
27 POWER-UP PROCEDURE AND CONSIDERATIONS
271 Crystal Stabilization
If the crystal is stopped by putting either the FDC or both
UARTs into low power mode then a finite amount of time
(E8 ms) must be allowed for crystal stabilization during
subsequent power-up
The stabilization period can be
sensed by reading the Main Status Register in the FDC if
the FDC is being powered up (The Request for Master bit is
not set for E8 ms) If either one of the UARTs are being
powered up but the FDC is not then the software must
determine the E8 ms crystal stabilization period Stabiliza-
tion of the crystal can also be sensed by putting the UART
into local loopback mode and sending bytes until they are
received correctly
272 UART Power-Up
The clock signal to the UARTs is controlled through the
Configuration Registers (FER PTR) In order to restore the
clock signal to one or both UARTs the following conditions
must exist
1 The appropriate enable bit (FER12) for the UART(s)
must be set
2 The Power-Down bit (PTR0) must not be set
3 If the PWDN pin option (PTR2 and FCR6) is used the
CSOUT PWDN ZWS pin must be inactive
If the crystal has been stopped follow the guidelines in
Section 271 before sending data or signaling that the re-
ceiver channel is ready
TABLE 2-11 Methods to Achieve Group 1 Power-Down Modes
Method
PTR Bits 012
Pin 3 (PQFP) or
FER Bits 01236
PCR Bit 2
PMC Bits 0126
Mode
Typical Current
Pin 1 (TQFP)
Consumption
(Note 3)
(Note 4)
1
11x
x
xxxxx
x
1111
110 mA
2
x10
0
xxxxx
x
1111
3
x1x
x
00000
0
1111
4
11x
x
xxxxx
x
0000
2
15 mA
5
x10
0
xxxxx
x
0000
6
x1x
x
00000
0
0000
7
x1x
x
xxx1x
x
0000
(Notes 1 2)
8
10x
x
xxxxx
x
1111
34 mA
9
x00
0
xxxxx
x
1111
10
x0x
x
00000
0
1111
11
10x
x
xxxxx
x
0000
4
55 mA
12
x00
0
xxxxx
x
0000
13
x0x
x
00000
0
0000
(Note 1)
Note 1
The PC87334 can also be placed in Mode 2 or Mode 4 using the strap configuration pins CFG0–4 (see Table 2-1)
Note 2
The PC87334 can also be placed in Mode 2 by using method
7 and entering FDC Low Power by executing Mode Command or by setting bit 6 of DSR to
high
Note 3
Pin
3 is PDWN input (configured when bit 2 of PTR is 0 and bit 6 of FCR is 1)
Note 4
These values are measured under the following conditions
1 No load on outputs
2 Inputs are stable
3 VIL e VSS VIH e VDD
4 VDD e 33V
5 FCR0 is 1 for UARTs 1 and 2 (16550 modeFIFO enabled)
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com