Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 91 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 91 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 87Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 95Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
100 Electrical Characteristics (Continued)
1035 Transmitter Timing
Symbol
Parameter
Min
Max
Units
tIRTXW
IRTX Pulse Width
16 ms
Baud Out Cycles
tHR
Delay from WR (WR THR) to Reset IRQ
40
ns
tIR
Delay from RD (RD IIR) to Reset IRQ (THRE)
55
ns
tIRS
Delay from Initial IRQ Reset to Transmit Start
8
24
Baud Out Cycles
tSI
Delay from Initial Write to IRQ
16
24
Baud Out Cycles
tSTI
Delay from Start Bit to IRQ (THRE)
8
Baud Out Cycles
TLC12039 – 28
Note 1
See Write cycle timing
Figure 10-3
Note 2
See Read cycle timing
Figure 10-2
FIGURE 10-5 Transmitter Timing
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com