Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 102 page
background image
20 Configuration Registers (Continued)
273 FDC Power-Up
The clock signal to the FDC is controlled through the Con-
figuration Registers the FDC Mode Command and the Data
Rate Select Register In order to restore the clock signal to
the FDC the following conditions must exist
1 The appropriate enable bit (FER3) must be set
2 The Power-Down bit (PTR0) must not be set
3 If the PWDN pin option (PTR2 and FCR 6) is used the
PWDN ZWS pin must be inactive
In addition to these conditions one of the following actions
must be taken to initiate recovery from the Power-Down
mode
1 Read the Main Status Register until the RQM bit (MSR7)
is set OR
2 Write to the Data Rate Select Register and set the Soft-
ware Reset bit (DSR7) OR
3 Write to the Digital Output Register clear and then set
the Reset bit (DOR2) OR
4 Read the Data Register and the Main Status Register
until the RQM bit is set
If the crystal has been stopped read the RQM bit in the
Main Status Register until it is set The RQM bit is not set
until the crystal has stabilized
30 FDC Register Description
The floppy disk controller (FDC) is suitable for all PC-AT
EISA PS2 and general purpose applications The opera-
tional mode (PC-AT PS2 or Model 30) of the FDC is deter-
mined by hardware strapping of the IDENT and MFM pins
DP8473 and N82077 software compatibility is provided Key
features include a 16-byte FIFO PS2 diagnostic register
support perpendicular recording mode CMOS disk inter-
face and a high performance digital data separator See
Figure 3-1
The FDC supports fast 2 Mbps data rate drives and stan-
dard 1 Mbps 250500 kbps and 300500 kbps data rate
drives The 1 Mbps data rate is used by the high perform-
ance tape and floppy disk drives The 2 Mbps data rate is
used in very high performance tape drives The FDC also
supports the perpendicular recording mode a new format
used with some high performance high capacity disk drives
at the 1 Mbps data rate
The high performance internal digital data separator needs
no external components It improves on the window margin
performance standards of the DP8473 and is compatible
with the strict data separator requirements of floppy disk
and floppy-tape drives
The FDC contains write precompensation circuitry that de-
faults to 125 ns for 250 kbps 300 kbps and 500 kbps to
4167 ns for 1 Mbps and to 208 ns for 2 Mbps These
values can be overridden in software to disable write pre-
compensation or to provide levels of precompensation up to
250 ns
The FDC has internal 24 mA data bus buffers which allow
direct connection to the system bus The internal 40 mA
totem-pole disk interface buffers are compatible with both
CMOS drive inputs and 150X resistor terminated disk drive
inputs
31 FDC CONTROL REGISTERS
The following FDC registers are mapped into the addresses
shown in Table 3-1 and described in the following sections
The base address range is provided by the on-chip address
decoder pin For PC-AT or PS2 applications the diskette
controller primary address range is 3F0h to 3F7h and the
secondary address range is 370h to 377h The FDC sup-
ports three different register modes the PC-AT mode PS2
mode (MicroChannel systems) and the Model 30 mode
See Section 52 for more details on how each register mode
is enabled When applicable the register definition for each
mode of operation is given
If no special notes are made then the register is valid for all
three register modes
TLC12039 – 6
FIGURE 3-1 FDC Functional Block Diagram
29



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com