Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 13Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 14Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 15Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 16Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 17Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 18Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 19Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 20Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 102 page
background image
10 Pin Description (Continued)
Symbol
PQFP
TQFP
IO
Function
Pin
Pin
WP
Normal
36
34
I
Write Protect
This input indicates that the floppy disk in the selected drive is write protected
Mode
WP
PPM
92
90
I
Write Protect
This pin provides an additional Write Protect signal in PPM Mode when PNF e
0 (See PD2 and Table 7-5 for further information)
Mode
WRITE
95
93
O
Write Strobe
This signal is used in EPP mode as a write strobe It is active low (See STB and
Table 7-5 for further information)
X1OSC
7
5
I
Crystal1Clock
One side of an external 24 MHz48 MHz crystal is attached here The other
side of the crystal is connected to X2 If a crystal is not used a TTL or CMOS compatible clock
is connected to this pin
X2
8
6
O
Crystal2
One side of an external 24 MHz48 MHz crystal is attached here The other side of
the crystal is connected to X1OSC This pin is left unconnected if an external clock is used
ZWS
31
O
Zero Wait State
This pin is the Zero Wait State open drain output pin when bit 6 of FCR is 0
ZWS is driven low when the EPP or ECP is written and the access can be shortened This pin
is PWDN when bit 6 of FCR is 1 (See the PWDN pin for further information)
TABLE 1-2 SIR Pin Allocation
PQFP
Pin
TQFP
Pin
Notes
No SIR
SIR on UART2
SIR on IDE
SIR on IDE
BIT 32 of
Bits 32 of IRC
Bits 32 of IRC
Bits 32 of IRC
IRC are 00
are 01
are 10
are 11
MODEM
MODEM
SIR
MODEM
SIR
MODEM
SIR
Bit0of
Bit0of
Bit0of
Bit0of
Bit0of
Bit0of
Bit0of
IRC is X
IRC is 0
IRC is 1
IRC is 0
IRC is 1
IRC is 0
IRC is 1
IDE
56
54
1
IDEHI VLD0 DRID13F3RD
IRTX e 0
IRTX
IRTX e 1
IRTX
Pins
59
57
1
IOCS16 DRID0IDEACK
IRRX e 0
IRRX
UART2
62
60
RI2
RI2
RI2 e 1
RI2
RI2 e 1
RI2
RI2 e 1
Pins
63
61
DTR2
IRTX e 0
IRTX
DTR2
DTR2
DTR2
DTR2
64
62
CTS2
CTS2
CTS2 e 0
CTS2
CTS2 e 0
CTS2
CTS2 e 0
65
63
2
SOUT2
SOUT2
SOUT2 e 1
SOUT2
SOUT2 e 1
SOUT2
SOUT2 e 1
68
66
3
DSR2
IRRX e 1
IRRX
DSR2
DSR2
DSR2
DSR2
In e 0In e 0In e 0In e 0
69
67
DCD2
DCD2
DCD2 e 1
DCD2
DCD2 e 1
DCD2
DCD2 e 1
Note 1
When bits 32 of IRC are 11 the remaining configuration bits are ignored The value of DRID01 and IOCS16 are undefined and the PC87334VLJVJG
assumes IDEAK e 1 when IRRX is configured
Note 2
Pin is SOUT2BOUT2 Only SOUT2 is driven high in SIR mode (not BOUT)
Note 3
In e 0 refers to UART2’s DSR2 input not to the IRRX input pin
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com