Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 85Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 86Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 87Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
100 Electrical Characteristics (Continued)
1033 Microprocessor Interface Timing
Symbol
Parameter
Min
Max
Units
tAR
Valid Address to Read Active
18
ns
tAW
Valid Address to Write Active
18
ns
tDH
Data Hold
0
ns
tDS
Data Setup
18
ns
tHZ
Read to Floating Data Bus
13
25
ns
tPS
Port Setup
10
ns
tRA
Address Hold from Inactive Read
0
ns
tRCU
Read Cycle Update
45
ns
tRD
Read Strobe Width
60
ns
tRDH
Read Data Hold
10
ns
tRI
Read Strobe to Clear IRQ6
55
ns
tRVD
Active Read to Valid Data
55
ns
tWA
Address Hold from Inactive Write
0
ns
tWCU
Write Cycle Update
45
ns
tWI
Write Strobe to Clear IRQ6
55
ns
tWO
Write Data to Port Update
60
ns
tWR
Write Strobe Width
60
ns
RC
Read Cycle e tAR a tRD a tRCU
123
ns
WC
Write Cycle e tAW a tWR a tWCU
123
ns
TLC12039 – 25
FIGURE 10-2 Microprocessor Read Timing
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com