Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 79Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 80Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 81Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 82Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 83Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 84Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 85Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 86Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
80 Integrated Device Electronics
Interface (IDE) (Continued)
The IDE Interface Circuit has some additional IDE DMA sup-
port When bit 1 of FCR is 1 the PC87334 IDE responds to
a DMA acknowledgement on the IDEACK input pin as fol-
lows
a) IDEL0 is asserted when IDEACK is asserted and either
RD or WR is asserted
b) IDED7 is functional (ie read IDED7 to D7 write D7 to
IDED7) when IDEACK is asserted and either RD or WR is
asserted
c) HCS10 are not asserted on DMA cycles
The equations shown in
Figure 8-1 define the signals of the
PC87334 IDE pins
90 Serial Infrared Interface (SIR)
The SIR is a two-way wireless communication port using
infrared as a transmission medium The SIR connects the
Infrared Receive Data (IRRX) and Infrared Transmit Data
(IRTX) signals via transmitter LED(s) and receiver photo di-
ode(s) Serial Out (SOUT) is encoded by the PC87334 into
the IRTX signal The received signal IRRX is decoded back
by the PC87334 to generate the required Serial In (SIN)
signal
The SIR is connected to UART2 of the PC87334 There are
two UART2 interface modes
1 Normal (Modem) mode The normal 16550 UART inter-
face
2 SIR mode Infrared Data Association (IrDA) standard
compliant interface
A system with a PC87334 can be assembled with two serial
ports and one infrared port Either two serial ports or one
serial and one infrared port can be selected at run-time
Normal (Modem) mode implies two UARTs (Serial) SIR
mode implies one UART and one SIR (Infrared)
The SIR is in either Full Duplex or Half Duplex configuration
1 Full Duplex both transmitter and receiver are enabled
simultaneously
2 Half Duplex the receiver is blocked when the transmitter
is on
The SIR output signal (IRTX) when active is active for inter-
vals of either 16 ms or 316 baud
Both SIR signals are provided on
1 Two UART2 control pins The UART is still functional
except for two control signals (DSR and DTR) or
2 Two IDE pins The IDE is still functional except for sup-
port of 3F7h read (in this case all 16 data bits of the IDE
should be handled by external buffer(s) and 3F7h read
belongs only to the FDC)
The PC87334 directly interfaces with an infrared transceiver
analog front-end device The PC87334 can also be inter-
faced with discrete LED and photo-diode devices via an ex-
ternal analog circuit
The configuration of UART2 via the PC87334 configuration
registers (FER FAR PTR PMC and TUP) remains the
same with the addition of a new register IRCInfrared
Configuration Register See Section 2510 for a description
of IRC
Equations
Comments
HCS0 e A9 A8 A7 A6 A5 A4 A3 AEN
Active at 1F0 – 1F7
HCS1 e A9 A8 A7 A6 A5 A4 A3 A2 A1 AEN
Active at 3F6 3F7
IDELO e HCS0 (RD a WR) a HCS1
(WR A0) a RD
Write 1F0 – 1F7 3F6 Read 1F0 – 1F7 3F6 3F7
IDEHI e IOCS16 HCS0 (RD a WR)
Read or Write 1F0 – 1F7 in AT Mode
IDED7 (read) e (HCS0 RD) a (HCS1 A0) RD
Provides D7 during Read 1F0 – 1F7 and 3F6
IDED7 (write) e WR HCS0 a (HCS1 A0)
Provides D7 during Write 1F0 – 1F7 and 3F6
FIGURE 8-1 IDE Interface Signal Equations (Non-DMA)
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com