Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 73Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 74Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 75Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 76Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 77Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 78Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 79Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 80Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
70 Parallel Port (Continued)
3 Multiplexing parallel port signals with FDC signals on the
PPM pins
When the PPM is not enabled (bit 2 of FCR is 0) the
parallel port signals are connected to the PPM pins
When bit 2 of FCR is 1 and PNF e 1 the parallel port
signals are connected to the PPM pins
When bit 2 of FCR is 1 and PNF e 0 the FDC output
signals are connected to the PPM pins
Reading back the DTR or CTR returns their written val-
ues and thus the parallel port module sees ‘‘cable not
connected’’
Input signals assume their default values (STR register)
BUSY e 1 PE e 0 SLCT e 0 ACK e 1
Table 7-6 shows the standard 25-pin D-type connector defi-
nition for various parallel port operations
TABLE 7-6 Parallel Port Pin Out
Connector
PQFP
TQFP
SPP ECP
Pin
EPP Mode
Pin
PPM Mode
Pin
Pin No
Pin No
Pin No
Mode
Direction
Direction
and PNFe0
Direction
1
95
93
STB
IO
WRITE
IO
I
2
94
92
PD0
IO
PD0
IO
INDEX
I
3
93
91
PD1
IO
PD1
IO
TRK0
I
4
92
90
PD2
IO
PD2
IO
WP
I
5
91
89
PD3
IO
PD3
IO
RDATA
I
6
89
87
PD4
IO
PD4
IO
DSKCHG
I
7
88
86
PD5
IO
PD5
IO
MSEN0
I
8
87
85
PD6
IO
PD6
IO
DRATE0
O
9
86
84
PD7
IO
PD7
IO
MSEN1
I
10
85
83
ACK
I
ACK
I
DR1
O
11
84
82
BUSY
I
WAIT
I
MTR1
O
12
83
81
PE
I
PE
I
WDATA
O
13
82
80
SLCT
I
SLCT
I
WGATE
O
14
78
76
AFD
IO
DSTRB
IO
DENSEL
O
15
79
77
ERR
I
ERR
I
HDSEL
O
16
80
78
INIT
IO
INIT
IO
DIR
O
17
81
79
SLIN
IO
ASTRB
IO
STEP
O
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com