Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 48Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 49Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 50Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 51Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 52Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 53Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 54Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
40 FDC Command Set Description (Continued)
4122 Version Command
The Version command can be used to determine the floppy
controller being used The Result Phase uniquely identifies
the floppy controller version The FDC returns a value of
90h in order to be compatible with the 82077 The DP8473
and other NEC765 compatible controllers will return a value
of 80h (invalid command)
Command Phase
00010000
Execution Phase
None
Result Phase
10010000
4123 Write Data Command
The Write Data command receives data from the host and
writes logical sectors containing a Normal Data AM to the
selected drive The operation of this command is similar to
the Read Data command except that the data is transferred
from the mP to the controller instead of the other way
around
The controller will simulate the Motor On time before start-
ing the operation If implied seeks are enabled the seek and
sense interrupt functions are then performed The controller
then starts the Data Separator and waits for the Data Sepa-
rator to find the next sector Address Field The controller
compares the Address ID (track head sector bytes per
sector) with the desired ID specified in the Command
Phase If there is no match the controller waits to find the
next sector Address Field This process continues until the
desired sector is found If an error condition occurs the IC
bits in ST0 are set to Abnormal Termination and the con-
troller enters the Result Phase Possible errors are
1 The mP aborted the command by writing to the FIFO If
there is no disk in the drive the controller will hang up
The mP must then take the controller out of this hung
state by writing a byte to the FIFO This will put the con-
troller into the Result Phase
2 Two index pulses were detected since the search began
and no valid ID has been found If the track address ID
differs the WT bit or BT bit (if the track address is FFh)
will be set in ST2 If the head sector or bytes per sector
code did not match the ND bit is set in ST1 If the Ad-
dress Field AM was never found the MA bit is set in ST1
3 The Address Field was found with a CRC error The CE
bit is set in ST1
4 If the controller detects the Write Protect disk interface
input is Asserted Bit 1 of ST1 is set
If the correct Address Field is found the controller waits for
all (conventional mode) or part (perpendicular mode) of
GAP2 to pass The controller will then write the preamble
field address marks and data bytes to the Data Field The
data bytes are transferred to the controller by the mP
Having finished writing the sector the controller will contin-
ue reading the next logical sector unless one or more of the
following termination conditions has occurred
1 The DMA controller asserted TC The IC bits in ST0 are
set to Normal Termination
2 The last sector address (of side 1 if MT was set) was
equal to EOT The EOT bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination This is the expect-
ed condition during Non-DMA transfers
3 Underrun error The OR bit in ST1 is set The IC bits in
ST0 are set to Abnormal Termination If the mP cannot
service a transfer request in time the last correctly writ-
ten byte will be written to the disk
If MT was set in the Opcode command byte and the last
sector of side 0 has been transferred the controller will then
continue with side 1
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com