Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87334VLJ Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87334VLJ
Description  SuperI/O 3.3V/5V Floppy Disk Controller, Dual UARTs, Infrared, IEEE1284 Parallel Port, and IDE Interface
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87334VLJ Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button PC87334VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC87334VLJ Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
30 FDC Register Description (Continued)
DIRPS2 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
DSKCHG
1
1
1
1
DRATE1
DRATE0
HIGH
DEN
RESET
NA
NA
NA
NA
NA
NA
NA
1
COND
D7
Disk Changed
Active high status of DSKCHG disk
interface input During power-down this bit is invalid
if it is read by the software
D6 – 3
Reserved
Always 1
D2 – 1
Data Rate Select 10
These bits indicate the
status of the DRATE1 – 0 bits programmed through
the DSR or CCR
D0
High Density
This bit is low when the 1 Mbps
2 Mbps or 500 kbps data rate is chosen and high
when the 300 kbps or 250 kbps data rate is chosen
This bit is independent of the IDENT value
DIRModel 30 Mode
D7
D6 D5 D4
D3
D2
D1
D0
DESC
DSKCHG
0
0
0
DMAEN NOPRE DRATE1 DRATE0
RESET
NA
0
0
0
0
0
1
0
COND
D7
Disk Changed
Active low status of DSKCHG disk
interface input During power-down this bit is invalid
if it is read by the software
D6 – 4
Reserved
Always 0
D3
DMA Enable
Active high status of the DMAEN bit
in the DOR
D2
No Precompensation
Active high status of the
NOPRE bit in the CCR
D1 – 0
Data Rate Select 10
These bits indicate the
status of the DRATE 1 – 0 bits programmed through
the DSR or CCR
319 Configuration Control Register (CCR)
Write Only
This is the write-only data rate register commonly used in
PC-AT applications This register is not affected by a soft-
ware reset and is set to 250 kbps after a hardware reset
The data rate of the floppy controller is determined by the
last write to either the CCR or DSR
CCRPC-AT and PS2 Modes
D7
D6
D5
D4
D3
D2
D1
D0
DESC
000000
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–2
Reserved
Should be set to 0
D1 – 0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-8 for
the appropriate values
CCRModel 30 Mode
D7
D6
D5
D4
D3
D2
D1
D0
DESC
0
0
0
0
0
NOPRE
DRATE1
DRATE0
RESET
NA
NA
NA
NA
NA
NA
1
0
COND
D7–3
Reserved
Should be set to 0
D2
No Precompensation
This bit can be set by soft-
ware to indicate no precompensation It can be
read by bit D2 of the DIR when in the Model 30
register mode This bit is unaffected by a software
reset
D1 – 0
Data Rate Select 10
These bits determine the
data rate of the floppy controller See Table 3-8 for
the appropriate values
32 RESULT PHASE STATUS REGISTERS
The Result Phase of a command contains bytes that hold
status information The format of these bytes are described
below Do not confuse these status bytes with the Main
Status Register which is a read only register that is always
valid The Result Phase status registers are read from the
Data Register (FIFO) only during the Result Phase of certain
commands (see Section 41 Command Set Summary) The
status of each register bit is indicated when the bit is a 1
321 Status Register 0 (ST0)
D7
D6
D5
D4
D3
D2
D1
D0
DESC
IC
IC
SE
EC
0
HDS
DS1
DS0
RESET
00
0
0
0
0
0
0
COND
D7–6
Interrupt Code
00 e Normal Termination of Command
01 e Abnormal Termination of Command Execu-
tion of command was started but was not
successfully completed
10 e Invalid Command Issued Command issued
was not recognized as a valid command
11 e Internal drive ready status changed state dur-
ing the drive polling mode Only occurs after a
hardware or software reset
D5
Seek End
Seek Relative Seek or Recalibrate
command completed by the controller (Used during
a Sense Interrupt command)
D4
Equipment Check
After a Recalibrate command
Track 0 signal failed to occur (Used during Sense
Interrupt command)
D3
Not Used Always 0
D2
Head Select
Indicates the active high status of the
HDSEL pin at the end of the Execution Phase
D1 – 0
Drive Select 10
These two binary encoded bits
indicate the logical drive selected at the end of the
Execution Phase
00 e Drive 0 selected
01 e Drive 1 selected
10 e Drive 2 selected
11 e Drive 3 selected
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com